Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRTSAF360 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NRTSAF360
Description  Trench-based Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRTSAF360 Datasheet(HTML) 2 Page - ON Semiconductor

  NRTSAF360 Datasheet HTML 1Page - ON Semiconductor NRTSAF360 Datasheet HTML 2Page - ON Semiconductor NRTSAF360 Datasheet HTML 3Page - ON Semiconductor NRTSAF360 Datasheet HTML 4Page - ON Semiconductor NRTSAF360 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NRTSAF360, NRVTSAF360
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
Average Rectified Forward Current
(TL = 143°C)
IO
3.0
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TL = 138°C
IFRM
6.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
100
A
Storage Temperature Range
Tstg
−65 to +175
°C
Operating Junction Temperature (Note 1)
TJ
−55 to +175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead (Note 2)
YJCL
24.5
°C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
81
°C/W
2. 1 inch square pad size (1
× 0.5 inch) for each lead on FR4 board.
ELECTRICAL CHARACTERISTICS
Rating
Symbol
Typ
Max
Unit
Instantaneous Forward Voltage (Note 3)
(IF = 3 A, TJ = 25°C)
(IF = 3 A, TJ = 125°C)
(IF = 6 A, TJ = 25°C)
VF
0.48
0.41
0.57
0.64
0.58
0.78
V
Instantaneous Reverse Current (Note 3)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 125°C)
IR
4.5
3.5
50
15
mA
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width
≤ 380 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com