Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB108 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9DB108
Description  Eight Output Differential Buffer for PCI-Express
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB108 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9DB108 Datasheet HTML 1Page - Integrated Circuit Systems ICS9DB108 Datasheet HTML 2Page - Integrated Circuit Systems ICS9DB108 Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB108 Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB108 Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB108 Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB108 Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB108 Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB108 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS9DB108
0723D—01/08/04
ICS9DB108 follows the Intel DB400 Differential Buffer Specification. This buffer provides four SRC clocks for PCI-Express,
next generation I/O devices. ICS9DB108 is driven by a differential input pair from a CK409/CK410 main clock generator, such
as the ICS952601 or ICS954101. ICS9DB108 can run at speeds up to 200MHz. It provides ouputs meeting tight cycle-to-cycle
jitter (50ps) and output-to-output skew (50ps) requirements.
General Description
Block Diagram
STOP
LOGIC
SRC_IN
SRC_IN#
DIF(7:0)
CONTROL
LOGIC
HIGH_BW#
BYPASS#/PLL
SDATA
SCLK
SRC_STOP#
PD#
SPREAD
COMPATIBLE
PLL
8
IREF
OE(7:0)
8
SRC_DIV#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com