Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM2000 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSPM2000
Description  True Digital PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM2000 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSPM2000 Datasheet HTML 1Page - Integrated Device Technology ZSPM2000 Datasheet HTML 2Page - Integrated Device Technology ZSPM2000 Datasheet HTML 3Page - Integrated Device Technology ZSPM2000 Datasheet HTML 4Page - Integrated Device Technology ZSPM2000 Datasheet HTML 5Page - Integrated Device Technology ZSPM2000 Datasheet HTML 6Page - Integrated Device Technology ZSPM2000 Datasheet HTML 7Page - Integrated Device Technology ZSPM2000 Datasheet HTML 8Page - Integrated Device Technology ZSPM2000 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
True Digital PWM Controller
with Integrated MOSFET Driver
ZSPM2000
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 27, 2016
Typical Applications
Telecom Switches
Servers and Storage
Base Stations
Network Routers
Industrial Applications
Single-Rail/Single-Phase
Supplies for Processors,
ASICs, FPGAs, DSPs
Ordering Information
Sales Code
Description
Package
ZSPM2000ZI2R 1
ZSPM2000 Lead-free QFN28 — Temperature range: -40°C to +85°C*
Reel
ZSPM2000-KIT01
Evaluation Kit for ZSPM2000 with PMBus™ Communication Interface — the Pink Power Designer™
GUI for kit can be downloaded from the IDT web site at www.IDT.com/ZSPM2000 (login required;
see data sheet section 9 for details)
Kit
* Note: This product is sold under a limited license from PowerOne, Inc. related to digital power technology as set forth in U.S. Patent 7000125 and other related
patents owned by PowerOne, Inc. This license does not extend to stand-alone power supply products.
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.
Sequencer
Configurable
Error Handler
Clock
Generation
OV Detection
OC Detection
FLASH
ADC
CPU Core
NVM
(OTP)
1.8V
Reg
Digital
1.8V
Reg
Analog
VREF
VFBP
VFBN
Adaptive Digital
Controller
PWM
VFB
Digital Control Loop
ISNSP
ISNSN
Current Sensing
HKADC
Int. Temp
Sense
TEMP
Bias
Current
Source
3.3V
Reg
SMBus
GPIO
DAC
DAC
Current
Limiting
Average Current
Sensing
OT Detection
Vin OV/UV
Detection
ADDR0
ADDR1
VIN
Vout UV Detection
HS
driver
DRVH
DRVL
BST
SW
PGND
LS
driver
ZSPM2000 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com