Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3003
Description  10 MHz Sine/Square Wave Generator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3003 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3003 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10 MHz Sine/Square Wave Generator
Model 3003
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2013
v050913
Specifications
3003
Frequency Characteristics
Waveforms
Sine, Square
Range
DC to 9.9999999 MHz,
0.1 Hz steps
Accuracy
0.02% (under 100 Hz accuracy is not specified)
Sine Wave
Output
0 – 4.5 Vp-p (no load)
Variable amplitude control
Output impedance
50 Ω
Square Wave
Output
5 Vp-p (no load)
Duty Cycle
50% typical
Output impedance
50 Ω
General
Power
An external AC adapter
(6 V - 9 V DC, 150 mA) or one 9 V battery
Dimensions
2.1" x 3.6" x 6" (53.3 x 91.4 x 152.4 mm)
Weight
1 lb (0.45 kg)
One-Year Warranty
Included Accessories
User manual and power adapter
The model 3003 signal generator is a cost-effective signal source that delivers clean and accurate DC to
10 MHz waveforms with frequency accuracy of 0.02% and 0.1Hz frequency resolution. Eight push wheel
switches enable the user to quickly and easily set the frequency.


Similar Part No. - 3003

ManufacturerPart #DatasheetDescription
logo
GHz Technology
3003 GHZTECH-3003 Datasheet
234Kb / 4P
3 Watts - 28 Volts, Class C Microwave 3000 MHz
logo
Molex Electronics Ltd.
3003 MOLEX-3003 Datasheet
66Kb / 2P
KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
NXP Semiconductors
3003 NXP-3003 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
Heyco.
3003 HEYCO-3003 Datasheet
113Kb / 1P
Shorty Universal Bushings
More results

Similar Description - 3003

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML2035 FAIRCHILD-ML2035 Datasheet
168Kb / 9P
Serial Input Programmable Sine Wave Generator
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
Serial Input Programmable Sine Wave Generator
logo
RF Monolithics, Inc
SC3011B-1 RFM-SC3011B-1 Datasheet
72Kb / 2P
600.0 MHz Differential Sine-Wave Clock
SC3048B RFM-SC3048B Datasheet
131Kb / 2P
444.0 MHz Differential Sine-Wave Clock
logo
Murata Manufacturing Co...
SC3035B-1 MURATA-SC3035B-1 Datasheet
138Kb / 2P
800.0 MHz Differential Sine-Wave Clock
logo
MICORO CRYSTAL SWITZERL...
SCOCXOS MICROCRYSTAL-SCOCXOS Datasheet
328Kb / 3P
Sine Wave Output 10 to 54 MHz Tight stability
logo
List of Unclassifed Man...
3001 ETC2-3001_14 Datasheet
508Kb / 1P
20 Hz to 150 kHz Sine/Square Wave Audio Generator
logo
MICORO CRYSTAL SWITZERL...
SCOCXOS MICROCRYSTAL-SCOCXOS_16 Datasheet
328Kb / 3P
Sine Wave Output 10 to 54 MHz Tight stability
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
RFX Ltd.
OS936-10 RFX-OS936-10 Datasheet
524Kb / 2P
10 MHz OCXO Sine Wave Oscillator 12V
Issue 2; 26th April 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com