Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954101 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS954101
Description  Programmable Timing Control Hub for Desktop P4 Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954101 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS954101 Datasheet HTML 6Page - Integrated Circuit Systems ICS954101 Datasheet HTML 7Page - Integrated Circuit Systems ICS954101 Datasheet HTML 8Page - Integrated Circuit Systems ICS954101 Datasheet HTML 9Page - Integrated Circuit Systems ICS954101 Datasheet HTML 10Page - Integrated Circuit Systems ICS954101 Datasheet HTML 11Page - Integrated Circuit Systems ICS954101 Datasheet HTML 12Page - Integrated Circuit Systems ICS954101 Datasheet HTML 13Page - Integrated Circuit Systems ICS954101 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS954101
0815D—06/21/04
Electrical Characteristics - DOT, 96MHz 0.7V Current Mode Differential Pair
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2 , RP=49.9 /
REF /9,
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Current Source
Output Impedance
Zo
VO = Vx
3000
1
Voltage HighVHigh
660
850
1
Voltage Low
VLow
-150
150
1
Max Voltage
Vovs
1150
1
Min Voltage
Vuds
-300
1
Crossing Voltage
(abs)
Vcross(abs)
250
550
mV
1
Crossing Voltage
(var)
d-Vcross
Variation of crossing over
all edges
140
mV
1
Long Accuracy
ppm
see Tperiod min-max
values
-100
100
ppm
1,2
Average period
Tperiod
96.00MHz nominal
10.4135
10.4198
ns
2
Absolute min period
Tabsmin
96.00MHz nominal
10.1635
ns
1,2
Rise Time
tr
VOL = 0.175V, VOH =
0.525V
175
700
ps
1
Fall Time
tf
VOH = 0.525V VOL =
0.175V
175
700
ps
1
Rise Time Variation
d-tr
125
ps
1
Fall Time Variation
d-tf
125
ps
1
Duty Cycle
dt3
Measurement from
differential wavefrom
45
55
%
1
Jitter, Cycle to cycle
tjcyc-cyc
Measurement from
differential wavefrom
250
ps
1
1Guaranteed by design, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFoutput is at 14.31818MHz
Measurement on single
ended signal using
mV
Statistical measurement
on single ended signal
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com