Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR140CSP Datasheet(PDF) 2 Page - International Rectifier

Part # IR140CSP
Description  Flipky
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR140CSP Datasheet(HTML) 2 Page - International Rectifier

  IR140CSP Datasheet HTML 1Page - International Rectifier IR140CSP Datasheet HTML 2Page - International Rectifier IR140CSP Datasheet HTML 3Page - International Rectifier IR140CSP Datasheet HTML 4Page - International Rectifier IR140CSP Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IR140CSP
Bulletin I0148J rev. C 03/04
2
www.irf.com
VR
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
40
Voltage Ratings
(1) Pulse Width < 300µs, Duty Cycle < 2%
I
F(AV) Max. Average Forward Current
1.0
A
50% duty cycle @ T
PCB = 112 °C, rectangular wave form
I
FSM
Max. Peak One Cycle Non-Repetitive
250
A
5µs Sine or 3µs Rect. pulse
Surge Current @ 25°C
21
10ms Sine or 6ms Rect. pulse
E
AS
Non- Repetitive Avalanche Energy
10
mJ
T
J = 25 °C, IAS = 2.0A, L = 5.0mH
I
AR
Repetitive Avalanche Current
2.0
A
Current decaying linearly to zero in 1 µsec
Frequency limited by T
J max. Va = 1.5 x Vr typical
Parameters
Value Units
Conditions
Absolute Maximum Ratings
Following any rated
load condition and
with rated V
RRM applied
Part number
IR140CSP
TJ
Max.Junction Temperature Range (*)
-55 to150
°C
Tstg Max. Storage Temperature Range
-55 to150
°C
R
thJL Typ. Thermal Resistance Junction
40
°C/W DC operation
to PCB
(**)
R
thJA Max. Thermal Resistance Junction
62
°C/W
to Ambient
Thermal-Mechanical Specifications
Parameters
Value
Units
Conditions
<
thermal runaway condition for a diode on its own heatsink
(**) Mounted 1 inch square PCB
(*) dPtot
1
dTj
Rth( j-a)
V
FM
Max. Forward Voltage
(1)
0.43
0.48
V
@ 1A
T
J = 25 °C
Drop
0.51
0.56
@ 2A
* See Fig. 1
0.34
0.38
@ 1A
T
J = 125 °C
0.46
0.53
@ 2A
I
RM
Max. Reverse Leakage (1)
10
80
µA
T
J = 25 °C
V
R = rated VR
Current
3.5
20
V
R = 20V
* See Fig. 2
2
10
V
R = 10V
1.5
5
V
R = 5V
9.0
20
mA
T
J = 125 °C
V
R = rated VR
3.5
8
V
R = 20V
2.5
6
V
R = 10V
25
VR = 5V
CT
Max. Junction Capacitance
-
160
pF
VR = 5VDC (test signal range 100kHz to 1MHz) 25°C
dv/dt Max. Volatge Rate of Charge
-
10000 V/ µs (Rated VR)
Electrical Specifications
Parameters
Typ.
Max. Units
Conditions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com