Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HHC71F Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # HHC71F
Description  Robust construction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

HHC71F Datasheet(HTML) 2 Page - American Electronic Components, inc

  HHC71F Datasheet HTML 1Page - American Electronic Components, inc HHC71F Datasheet HTML 2Page - American Electronic Components, inc HHC71F Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HHC71F
high power industrial relay
Ref: HHC71F 102011JHM
Coil Data
Table 1
DC Coil
Coil Voltage
Code
Nominal Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Nominal
Operating
Power
Must operate
voltage max.
(VDC)
Max. allowable
voltage (VDC)
Must release
voltage min.
(VDC)
1006
6
18
2.0W
4.5
110%
of nominal
0.6
1009
9
40.5
6.75
0.9
1012
12
72
9.0
1.2
1024
24
288
18.0
2.4
1036
36
648
27.0
3.6
1048
48
1152
36.0
4.8
1110
110
6050
82.5
11.0
1220
220
24200
165.0
22.0
AC Coil 50Hz
Coil Voltage
Code
Nominal Voltage
(VAC)
Coil Resistance
(Ω) ±15%
Nominal
Operating
Power
Must operate
voltage max.
(VAC)
Max. allowable
voltage (VAC)
Must release
voltage min.
(VAC)
3006
6
1.3
10.0VA
4.8
110%
of nominal
1.8
3009
9
2.8
7.2
2.7
3012
12
5.0
9.6
3.6
3024
24
20.2
19.2
7.2
3036
36
45.4
28.8
10.8
3048
48
80.6
38.4
14.4
3110
110
423.5
88.0
33.0
3220
220/230
1694
176.0
66.0
3380
380
5054
304.0
114.0
at 23 °C
Page 2 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Ordering Codes
Type
Contact Material
Contact Number &
Arrangement
Cover Protection Category
Coil Code
Options
Terminal Type
H
H
C
7
1
F
-
7
0
1
2
-
6
8
-
1
0
1
2
-
Contact Material
70
-
AgSnOInO
Contact Number & Arrangement
See Table 1
11
-
SPDT (1C/O)
21
-
SPST-NO (1N/O)
Custom Options
31
-
SPST-NC (1N/C)
Nil
-
No options
12
-
DPDT (2C/O)
P***
-
P + 3 digit
unique identifier
22
-
DPST-NO (2N/O)
32
-
DPST-NC (2N/C)
Cover Protection Category
6
-
Cover, IP20
Connection / Terminal Mode
8
-
Screw Terminals



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com