Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLIB9343 Datasheet(PDF) 3 Page - International Rectifier

Part # IRLIB9343
Description  DIGITAL AUDIO MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLIB9343 Datasheet(HTML) 3 Page - International Rectifier

  IRLIB9343 Datasheet HTML 1Page - International Rectifier IRLIB9343 Datasheet HTML 2Page - International Rectifier IRLIB9343 Datasheet HTML 3Page - International Rectifier IRLIB9343 Datasheet HTML 4Page - International Rectifier IRLIB9343 Datasheet HTML 5Page - International Rectifier IRLIB9343 Datasheet HTML 6Page - International Rectifier IRLIB9343 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRLIB9343
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
≤ 60µs PULSE WIDTH
Tj = 25°C
-2.5V
VGS
TOP
-15V
-12V
-10V
-8.0V
-5.5V
-4.5V
-3.0V
BOTTOM
-2.5V
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
≤ 60µs PULSE WIDTH
Tj = 175°C
-2.5V
VGS
TOP
-15V
-12V
-10V
-8.0V
-5.5V
-4.5V
-3.0V
BOTTOM
-2.5V
0.0
5.0
10.0
15.0
-VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
VDS = -25V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C
-60 -40 -20
0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = -14A
VGS = -10V
1
10
100
-VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = C gs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
102030
4050
QG Total Gate Charge (nC)
0
4
8
12
16
20
VDS= -44V
VDS= -28V
VDS= -11V
ID= -14A
FOR TEST CIRCUIT
SEE FIGURE 19



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com