Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI8 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DI8
Description  interface relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DI8 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DI8 Datasheet HTML 1Page - American Electronic Components, inc DI8 Datasheet HTML 2Page - American Electronic Components, inc DI8 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DI8 series
interface relays
Ref: DI8 070313JHM
Coil Data (standard coil)
Table 1
Coil Voltage Code
Nominal Voltage
Coil Resistance (Ω)
±10%
Operate
voltage max.
Must operate
voltage max.
Must release
voltage min.
D012
12VDC
360
18.0VDC
8.4VDC
1.2VDC
D024
24VDC
1440
36.0VDC
16.8VDC
2.4VDC
A024
24VAC
400
28.8VAC
19.2VAC
3.6VAC
A110
110VAC
8900
132.0VAC
88.0VAC
16.5VAC
A230
230VAC
38500
276.0VAC
184.0VAC
34.5VAC
Coil Data (12VDC sensitive coil)
Table 2
Coil Voltage Code
Nominal Voltage
Coil Resistance (Ω)
±10%
Operate
voltage max.
Must operate
voltage max.
Must release
voltage min.
S012
12VDC
576
15.6VDC
9.00VDC
1.2VDC
Coil specifications at 20°C. AC coils are suitable for 50HZ or 60Hz operation
Operating relays below or above the nominal voltage may prove detrimental to performance.
Page 2 of 3
www.willow.co.uk
Sales Department Tel: +44 1342 717102
Specifications are subject to change without notice. E&OE.
Ordering codes
Table 2
Relay & Socket Code
Module Code
Coil Code
Socket style
D
I
8
7
-
4
1
G
-
A
0
2
4
-
C
3
N
Contact Style
4
-
DPCO 8A
see Tables 1 & 2
5
-
SPCO 16A
7
-
SPCO 10A & 12A
Module type
000
- No Module fitted
21P
- Diode A2+
21N
- Diode A1+
41G
- LED (Green) 6-24VDC
41R
- LED (Red) 6-24VDC
61G
- LED (Green) 6-24VAC/DC
61R
- LED (Red) 6-24VAC/DC
63G
- LED (Green) 110 - 230VAC/DC
63R
- LED (Red) 110-230VAC/DC
Socket type
C2
- SPDT: D14-1Z-C2 (standard), or DPDT: D14F-2Z-C2 (standard)
C3N
- SPDT: D14F-1Z-C3-N (standard), or DPDT: D14F-2Z-C3-N (standard)
C4
- SPDT: D14F-1Z-C4 (special order*), or DPDT: D14F-2Z-C4 (special order*)
C5
- SPDT: D14F-1Z-C5 (special order*), or DPDT: D14F-2Z-C5 (special order*)
* Minimum Order Quantities (MOQ’s) may apply.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com