Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM43 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DM43
Description  pcb power relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DM43 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DM43 Datasheet HTML 1Page - American Electronic Components, inc DM43 Datasheet HTML 2Page - American Electronic Components, inc DM43 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DM43
pcb power relay
Ref: DM43 042312JHM
Page 2 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
M
4
3
-
0
1
-
5
-
Contact material
see Tables 1 & 2
10
-
AgCdO
30
-
AgSnO
2 (to special order)
Contact arrangement
11
-
SPDT (1 C/O)
21
-
SPST-NO (1N/O)
Cover protection category
2
-
in cover, flux tight - IP40
3
-
in cover, sealed - IP67
Connection mode
5
-
for PCB
Coil Data (DC voltage)
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω)
±10%
Must operate voltage
max. (VDC)
Must release voltage
min. (VDC)
1003
3
20
2.25
0.3
1005
5
50
3.75
0.5
1006
6
68
4.50
0.6
1009
9
160
6.75
0.9
1012
12
270
9.00
1.2
1018
18
650
13.5
1.8
1024
24
1080
18.00
2.4
1048
48
4340
36.00
4.8
Coil Data (AC voltage 50/60Hz)
Table 2
Coil Voltage Code
Nominal Voltage
(VAC)
Coil Resistance (Ω)
±10%
Must operate volt-
age max. (VAC)
Must release volt-
age min. (VAC)
Max. allowable
voltage (VAC)
5006
6
12.6
4.8
1.8
6.6
5012
12
50.4
9.6
3.6
13.2
5024
24
201.6
19.2
7.2
26.4
5110
110
4235
88.0
33
121
5220
220
16940
176
66
242
5230
230
18515
184
69
253



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com