Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP6-OC Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DP6-OC
Description  industrial relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DP6-OC Datasheet(HTML) 2 Page - American Electronic Components, inc

  DP6-OC Datasheet HTML 1Page - American Electronic Components, inc DP6-OC Datasheet HTML 2Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DP6-OC
industrial relays
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Page 2 of 2
American Electronic Components, Inc. 1101 Lafayette Street, Elkhart, IN 46516
Relays DP6-OC are designed for 35 mm DIN rail
mount, EN 50022.
DP6-OC are adapted for the co-operation with
interconnection strip type DG20. Interconnection
strip DG20 allows to common bridging outputs or
inputs. Colours of strips: DG20-1 red, DG20-2
black, DG20-3 blue.
Mounting
Ordering codes DP6-OC are specified in Table 1,
"Relay code" column.
Ordering codes
2.8
2.8
0.8
123.7
DP6-OC-5...32VDC
+13
+13
+A1
-A2
+Vcc
LOAD
DP6-OC-24VAC/DC
DP6-OC-230VAC/DC
+13
+13
+A1
-A2
+Vcc
LOAD
Relay code
Table 1
DP6-OC-5...32VDC
DP6-OC-24VAC/DC
DP6-OC-230VAC/DC
Dimensions
Input data
93.8
6.2
Nominal input voltage
Un
Power of input
- control circuit
5...32 V DC
24 V AC/DC
230 V AC/DC
0.3 W at 24 V
0.3 VA / 0.3 W
1.0 VA / 1.0 W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com