Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC3 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DTC3
Description  subminiature pcb signal relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DTC3 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DTC3 Datasheet HTML 1Page - American Electronic Components, inc DTC3 Datasheet HTML 2Page - American Electronic Components, inc DTC3 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
T
C
3
-
8
2
1
2
-
8
5
-
Contact material
see Tables 1, 2 & 3
82
-
Ag + Au plate (2um)
Contact arrangement
12
-
DPDT (2 C/O)
Cover protection category
8
-
in cover, sealed - IP64
Connection mode
5
-
for PCB
DTC3
subminiature pcb signal relay
Coil Data - single side stable
Table 1
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Power
Consumption
(mW)
Must Operate
Voltage max.
(VDC)
Must Release
Voltage min.
(VDC)
Max. Allowable
Voltage (VDC)
S003
3
60
150
2.4
0.3
7.0
S005
5
167
150
4.0
0.5
11.5
S006
6
240
150
4.8
0.6
13.8
S009
9
540
150
7.2
0.9
20.8
S012
12
960
150
9.6
1.2
27.7
S024
24
3840
150
19.2
2.4
55.4
S048
48
11520
200
36.00
4.8
96.0
Ref: DTC3 032510JHM
Coil Data - single coil latch
Table 2
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Power
Consumption
(mW)
Release Voltage max. (VDC)
Max. Allowable
Voltage (VDC)
SL03
3
90
100
2.25
8.4
SL05
5
330
75
4.00
16.0
SL06
6
480
75
4.80
19.0
SL09
9
1080
75
7.20
29.0
SL12
12
1920
75
9.60
39.0
SL24
24
7680
75
19.2
78.0
Coil Data - twin coil latch
Table 3
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Power
Consumption
(mW)
Release Voltage max. (VDC)
Max. Allowable
Voltage (VDC)
TL03
3
45
200
2.25
6.0
TL05
5
167
150
3.75
11.5
TL06
6
240
150
4.50
13.8
TL09
9
540
150
6.75
20.8
TL12
12
960
150
9.00
27.7
TL24
24
3840
150
18.00
55.4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com