Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4096-2ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4096-2ACPZ-R7
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4096-2ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4096-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4096-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4096-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4096-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4096-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4096-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4096-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4096-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4096-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADA4096-2/ADA4096-4
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted. All typical performance characteristics shown are for the ADA4096-2 only.
±1.5 V CHARACTERISTICS
Figure 8. Input Offset Voltage (VOS) Distribution
Figure 9. Offset Voltage Drift (TCVOS) Distribution
Figure 10. Input Offset Voltage (VOS) vs. Common-Mode Voltage (VCM)
Figure 11. Input Bias Current (IB) vs. VCM for Various Temperatures
Figure 12. Output Voltage to Supply Rail vs. Load Current
Figure 13. Open-Loop Gain and Phase vs. Frequency
180
0
20
40
60
80
100
120
140
160
VOS (µV)
ADA4096-2
VSY = ±1.5V
TA = 25°C
25
20
15
10
5
0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
TCVOS (µV/°C)
ADA4096-2
VSY = ±1.5V
TA = –40°C TO +125°C
800
400
0
–400
–800
–1.5
1.5
VCM (V)
–200
–600
200
600
1.3
1.0
0.8
–1.3 –1.0
0.5
0.3
0
–0.3
–0.5
–0.8
VSY = ±1.5V
10 CHANNELS
30
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–40
–30
–20
–10
0
10
20
VCM (V)
ADA4096-2
VSY = ±1.5V
TA = 0°C
TA = +25°C
TA = +85°C
TA = +125°C
TA = –40°C
10k
1k
100
0.001
0.01
0.1
1
10
100
10
1
LOAD CURRENT (mA)
ADA4096-2
VSY = ±1.5V
TA = 25°C
SOURCING
SINKING
140
120
100
80
60
40
20
0
–20
–40
100
1k
10k
100k
1M
10M
–60
200
150
100
50
0
–50
–100
FREQUENCY (Hz)
ADA4096-2
VSY = ±1.5V
TA = 25°C
GAIN
PHASE
Rev. F | Page 9 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com