Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3570 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3570
Description  Low Noise White LED Driver System
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3570 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3570 Datasheet HTML 1Page - National Semiconductor (TI) LM3570 Datasheet HTML 2Page - National Semiconductor (TI) LM3570 Datasheet HTML 3Page - National Semiconductor (TI) LM3570 Datasheet HTML 4Page - National Semiconductor (TI) LM3570 Datasheet HTML 5Page - National Semiconductor (TI) LM3570 Datasheet HTML 6Page - National Semiconductor (TI) LM3570 Datasheet HTML 7Page - National Semiconductor (TI) LM3570 Datasheet HTML 8Page - National Semiconductor (TI) LM3570 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagram
LLP-14 DIP Package, 4mmx3mmx0.8mm
NS Package Number SDA14A
20085002
Pin Description
Pin#
Pin Name
Pin Description
1
C2+
Connect this pin to the positive terminal of C2.
2V
OUT
Regulated Charge pump output (4.35V).
3
C1+
Connect this pin to the positive terminal of C1.
4
D3
Current source output 3. Connect directly to LED.
5
D2
Current source output 2. Connect directly to LED.
6
D1
Current source output 1. Connect directly to LED.
7I
SET
Current set input. Value of resistor tied between I
SET and GND sets the Dx
output currents.
8
NC
No Connect
9
EN
Enable Input High = On, Low = Shutdown
10
PWM
Current Source Modulation pin. High = On, Low = Off. Applying a PWM signal
to this pin allows the regulated current sources to be to be modulated without
shutting down the V
OUT pin and the remainder of the part.
11
V
IN
Power supply voltage input.
12
C2-
Connect this pin to the negative terminal of C2.
13
GND
Ground connection.
14
C1-
Connect this pin to the negative terminal of C1.
Ordering Information
Order Number
Package Type
Package Marking
Supplied As:
LM3570SD
SDA14A
L3570
1000 units on Tape-and-Reel
LM3570SDX
SDA14A
L3570
3500 units on Tape-and-Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com