Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5111 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5111
Description  Dual 5A Compound Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5111 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM5111 Datasheet HTML 2Page - National Semiconductor (TI) LM5111 Datasheet HTML 3Page - National Semiconductor (TI) LM5111 Datasheet HTML 4Page - National Semiconductor (TI) LM5111 Datasheet HTML 5Page - National Semiconductor (TI) LM5111 Datasheet HTML 6Page - National Semiconductor (TI) LM5111 Datasheet HTML 7Page - National Semiconductor (TI) LM5111 Datasheet HTML 8Page - National Semiconductor (TI) LM5111 Datasheet HTML 9Page - National Semiconductor (TI) LM5111 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Thermal Performance (Continued)
We know that the junction temperature is given by
T
J =PD x
θ
JA +TA
Or the rise in temperature is given by
T
RISE =TJ −TA =PD x
θ
JA
For SOIC-8 package
θ
JA is estimated as 170˚C/W for the
conditions of natural convection.
Therefore T
RISE is equal to
T
RISE = 0.236 x 170 = 40.1˚C
CONTINUOUS CURRENT RATING OF LM5111
The LM5111 can deliver pulsed source/sink currents of 3A
and 5A to capacitive loads. In applications requiring continu-
ous load current (resistive or inductive loads), package
power dissipation, limits the LM5111 current capability far
below the 5A sink/3A source capability. Rated continuous
current can be estimated both when sourcing current to or
sinking current from the load. For example when sinking, the
maximum sink current can be calculated as:
where R
DS(on) is the on resistance of lower MOSFET in the
output stage of LM5111.
Consider T
J(max) of 125˚C and
θ
JA of 170˚C/W for an SO-8
package under the condition of natural convection and no air
flow. If the ambient temperature (T
A) is 60˚C, and the RD-
S
(on) of the LM5111 output at T
J(max) is 2.5
Ω, this equation
yields I
SINK(max) of 391mA which is much smaller than 5A
peak pulsed currents.
Similarly, the maximum continuous source current can be
calculated as
where V
DIODE is the voltage drop across hybrid output stage
which varies over temperature and can be assumed to be
about 1.1V at T
J(max) of 125˚C. Assuming the same param-
eters as above, this equation yields I
SOURCE(max) of 347mA.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com