Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM357 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM357
Description  Low Noise White LED Driver System
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM357 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM357 Datasheet HTML 5Page - National Semiconductor (TI) LM357 Datasheet HTML 6Page - National Semiconductor (TI) LM357 Datasheet HTML 7Page - National Semiconductor (TI) LM357 Datasheet HTML 8Page - National Semiconductor (TI) LM357 Datasheet HTML 9Page - National Semiconductor (TI) LM357 Datasheet HTML 10Page - National Semiconductor (TI) LM357 Datasheet HTML 11Page - National Semiconductor (TI) LM357 Datasheet HTML 12Page - National Semiconductor (TI) LM357 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Detailed Block Diagram
20085003
Circuit Description
The LM3570 is a low noise white LED driver system. The LM3570 system revolves around a highly efficient regulated three
halves CMOS charge pump producing a output voltage (V
OUT) of 4.35V. For input voltages between 3.0V to 5.5V, regulation of
the output voltage is achieved through the use of a pre-regulation loop that produces a stable output voltage while also minimizing
conducted noise on the input rail. For voltages between 2.7V and 3.0V, the LM3570 behaves like an open loop 3/2 charge pump
where the output will be 1.5X the input voltage minus the losses associated with the output resistance (R
OUT
≈ 4Ω).
Connected to the regulated output are three internal tightly matched current sources ideal for driving white LEDs. The amount of
current driven through the LEDs is user selectable through the use of one external R
SET resistor. Current matching between
adjacent outputs on the LM3570 is +/-0.3%(typ.) allowing for uniform brightness across the LEDs. The LM3570 is capable of
delivering up to 80mA of total output current. Current may be pulled out of the dedicated current outputs (I
Dx) or from VOUT. The
fixed output voltage rail is ideal for driving keypad LEDs in voltage mode through the use of external current limit resistors.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com