Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX9820 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820
Description  Bluetooth Serial Port Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMX9820 Datasheet HTML 8Page - National Semiconductor (TI) LMX9820 Datasheet HTML 9Page - National Semiconductor (TI) LMX9820 Datasheet HTML 10Page - National Semiconductor (TI) LMX9820 Datasheet HTML 11Page - National Semiconductor (TI) LMX9820 Datasheet HTML 12Page - National Semiconductor (TI) LMX9820 Datasheet HTML 13Page - National Semiconductor (TI) LMX9820 Datasheet HTML 14Page - National Semiconductor (TI) LMX9820 Datasheet HTML 15Page - National Semiconductor (TI) LMX9820 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
www.national.com
12
6.0 Electrical Specifications (Continued)
6.4 PERFORMANCE DATA (TYPICAL)
Table 17. Crystal/Oscillator Performance Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fOSC
Crystal Oscillator Frequency
12
MHz
fACC
1
Frequency Accuracy
Cumulative over operating
temperature range
-20
+20
ppm
tOSC-ON
Oscillator Turn-On Time
VCC applied, fOSC = 12 MHz,
Cext = 0.1 µF, settled to within
fACC
4ms
VOSC
Oscillator Input Voltage
External XO input
0.6
2.0
Vpp
ESR
Equivalent Series Resis-
tance
50
100
Ω
DCYCLE
Duty Cycle
49
51
%
PNOISE
Phase Noise
100Hz
-105
dBc/H
z
1000Hz
-125
dBc/H
z
BBCLK
Baseband Clock Output
Frequency
12
MHz
1.
Frequency accuracy dependent on crystal or oscillator chosen. Crystal/oscillator must have cumulative accuracy
specifications of +15 ppm to provide margin for frequency drift with ageing and temperature.
Figure 3. Modulation
Figure 4. Transmit Spectrum
Figure 5. Corresponding Eye Diagram
Figure 6. Synthesizer Phase Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com