Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6511 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6511
Description  180 ns 3V Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6511 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM6511 Datasheet HTML 1Page - National Semiconductor (TI) LM6511 Datasheet HTML 2Page - National Semiconductor (TI) LM6511 Datasheet HTML 3Page - National Semiconductor (TI) LM6511 Datasheet HTML 4Page - National Semiconductor (TI) LM6511 Datasheet HTML 5Page - National Semiconductor (TI) LM6511 Datasheet HTML 6Page - National Semiconductor (TI) LM6511 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
−0.3 to +36V
Output to Negative Supply Voltage
50V
Ground to Negative Supply Voltage
30V
Differential Input Voltage
±30V
Input Voltage
(Note 2)
Storage Temperature Range
−65˚C to +150˚C
Soldering Information:
SO Package
(Vapor Phase in 60 sec)
SO Package (Infrared in 15 sec)
215˚C
220˚C
Power Dissipation
500 mW
Output Short Circuit Duration
10s
Junction Temperature
150˚C
ESD Rating
(C = +100 pF, R = 1.5 k
Ω)
300V
Operating Ratings (Note 1)
Supply Voltage
2.5V to 30V
Temperature Range
−40˚C
≤ T
J ≤ +85˚C
Thermal Resistance (
θ
JA)
SO Package
170˚C/W
DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ = 2.7V,
V
− = 0V, 50
Ω≤ R
L ≤ 50kΩ, and IL = 1.0 mA unless otherwise specified
Symbol
Parameter
Conditions
Typical
LM6511I
Units
(Limits)
Limit
V
OS
Offset Voltage
R
S ≤ 50 kΩ
1.5
5
mV
(Note 3)
8
max
I
B
Input Bias Current
38
130
200
nA
max
I
OS
Input Offset Current
R
S ≤ 50 kΩ
1.5
20
(Note 3)
50
I
S
Positive Supply Current
2.7
3.5
5
mA
max
Negative Supply Current
1.5
2.0
2.5
V
SAT
Saturation Voltage
V
IN ≤ 10 mV
0.23
0.4
V
I
SINK = 8mA
0.4
max
A
V
Large Signal Voltage Gain
∆V
OUT = 2V
40
V/mV
CMRR
Common Mode Rejection Ratio
72
dB
I
STROBE
Strobe ON Current
(Note 5)
2.0
5.0
mA max
V
IN
Input Voltage Range
0.50
V min
V
+ − 1.25
V max
Output Leakage Current
V
IN ≥ 10 mV, VOUT = 35V,
0.2
nA
I
STROBE = 3 mA
max
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ = 2.7V,
V
− = 0V, 50
Ω≤ R
L ≤ 50kΩ, and IL = 1.0 mA unless otherwise specified
Symbol
Parameter
Conditions
Typical
LM6511I
Units
(Limits)
Limit
T
R
Response Time
(Note 4)
180
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions the device is intended to
be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed.
Note 2: The positive input voltage limit is 30V above the negative supply voltage. The negative input voltage limit is equal to the negative supply voltage or 30V below
the positive supply voltage, whichever is less.
Note 3: The offset voltage and offset current limits are the maximum values required to drive the output within a volt of either supply witha1mA load. Therefore,
these parameters define an error band and take into account the worst-case effects of voltage gain and input impedance.
Note 4: This specification is for a 100 mV input step with a 25 mV overdrive.
Note 5: This specification gives the range of current which must be drawn from the strobe pin to ensure the output is properly disabled. Do not short the strobe pin
to ground; it should be current driven at 3 mA to 5 mA.
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com