Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM3 Datasheet(PDF) 1 Page - ELESTA GmbH

Part # SIM3
Description  SIM 3 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELESTA [ELESTA GmbH]
Direct Link  https://www.elesta-gmbh.com/
Logo ELESTA - ELESTA GmbH

SIM3 Datasheet(HTML) 1 Page - ELESTA GmbH

  SIM3 Datasheet HTML 1Page - ELESTA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Copyright
11/2014
ELESTA GmbH, Heuteilstrasse 18,
CH - 7310 Bad Ragaz, Switzerland
Fon:
+41 (0)81 303 54 00
Fax:
+41 (0)81 303 54 01
Circuit Diagram (view on relay upper side)
12
11
33
34
A1
A2
44
43
SIM212
Variant 1: Standard
Variant 2: KV2
12
11
23
24
A1
A2
44
43
SIM212
Insulation Data
- Basic insulation
at 250 VAC
- Air and creepage distance
>4 mm
- Test voltage
2500 V / 50 Hz / 1 min
- Double or reinforced insulation
at 250 VAC
- Air and creepage distance
>5,5 mm
- Test voltage
4000 V / 50 Hz / 1 min
- Double or reinforced insulation
at 250 VAC
- Air and creepage distance
>14 mm
- Test voltage
5000 V / 50 Hz / 1 min
Test voltage contact oopen
1500 V / 50 Hz / 1 min
Creepage resistance
CTI 250
Pollution degree
2
Overvoltage category
III
Insulation resistance at Up 500 VDC
>100 MΩ
Additional Data
Mechanical endurance
>10 x 106 operations
Switching frequency, mechanical
15 Hz
Response time (all NO closed)
typically 10 ms
Drop-out time** (NC closed)
typically 4 ms
Bounce time of NO contact
typically 6 ms
Bounce time of NC contact
typically 12 ms
Shock resistance 16 ms
NO > 10g
NC > 2,5g
Vibration resistance
NO > 10g
(10-200 Hz)
NC > 1g
Resistance to short circuiting contacts
1000 A SCPD 10 A gG / gL (pre-fuse)
Ambient temperature
-40°C to +70°C
Thermal Resistance
50 K / W
Temperature limit for coil
120°C
Weight
ca. 25 g
Mounting position
any
Type of protection
RT II
Solder bath temperature
270°C / 5 s
**without spark suppression
Tests, Regulations
Approvals
UL File E188953
Sec. 3
Insulation class IEC 60664-1
250 VAC
Protection class II
VDE 0106
Fire protection requirements
UL 94 / V0
Options, Accessories
PCB socket, DIN rail socket
Product Key
SIM 2 1 2 24VDC KV2
Contact Variant
Coil voltage
Soldering tags
Number of NC contacts
Number of NO contacts
Type designation
Contact Lifetime NO-Contacts
AC 1:230V
AC 1:230V
DC 1: 24V
DC 1: 24V
AC 15: 230V
AC 15: 230V
DC 13: 24V
DC 13: 24V
10000
1000
100
10
0,1
0,5
1,0
5,0
10
Maximal switching characteristics (DIN EN60947-5-1,
Tab. C2)
AC 1:
250 V / 8 A
AC 15:
230 V / 3 A
DC 1:
24 V / 8 A
DC 13:
24 V / 6 A / 0,1 Hz
UL 508:
C150 / R300
Maximal contact load at AC 1 with 230 V:
2 contacts with 8 A each
Load Limit Curve with Direct Current
1)
0
0,1
0,2
0,3
0,4
0,6
0,8
1
2
3
4
6
8
50
100
150
200
250
1
2
Inductive load L/R 40 ms
2) Resistive load
Excitation Voltage Range
1)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
20
40
60
80
100
UB
UN
1
2
Max. excitation voltage with contact load: ≤6 A
2) Min. excitation voltage (guaranteed values) without
previous operation
No heat accumulation due to intrinsic heating of
other components. Continuous duty 100%.
Switching Current (A) →
Voltage (VDC) →
Ambient Temperature °C →
Relay Key Data
- PCB Relay with forcibly guided contacts
- Protective separation between coil and contacts
(leakage and creepage distances >14 mm); protective
separation diagonally between left and right contact
side (leakage and creepage distances >5,5 mm)
- EN50205 type A
- Contact mounting:
SIM212
2 NO / 1 NC
- Small external dimensions
- Nominal coil power 0,75 W
- Holding coil power 0,21 W
- For railway application (EN 50155) on request
Dimensions
Standard
KV2
36,1
0,3 0,4
15,9
5 5 5 2,4
2,8
12,5
0,5
1
2,5
2,5
7,5
15,9
5 5 5 2,4
2,8
Ø 1,3
15,9
5 5 5 2,4
2,8
Ø 1,3
[mm]
Contact Data
Contact material
AgSnO2 + 0,2 μm Au
Type of contact
Crest contact
Rated switching capacity
250 VAC 8 A AC1 2000 VA
Electr. life AC 1(360 cycles / h)
approx.100000
Inrush current max.
20 A for 20 ms
Switching voltage range
5 to 250 VDC / VAC
Switching current range*
10 mA to 8 A
Switching capacity range*
60 mW to 2000 W(VA)
Contact resistance (as delivered)
≤100 mΩ / 6 V / 100 mA
*Guided values
Standard coils for direct current
(other voltages on request)
5
3,75
≥0,5
151,0
33 ± 10%
6
4,5
≥0,6
125,0
48 ± 10%
12
9,0
≥1,2
63,1
190 ± 10%
21
15,75
≥2,1
35,5
590 ± 10%
24
18,0
≥2,4
30,0
800 ± 10%
48
36,0
≥4,8
15,4
3100 ± 10%
60
45,0
≥6,0
12,5
4800 ± 13%
110
82,5
≥11,0
6,8
16000 ± 15%
SIM 3 Series
Page 30


Similar Part No. - SIM3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM300 ETC1-SIM300 Datasheet
2Mb / 12P
Wireless Module Solutions
SIM300C ETC1-SIM300C Datasheet
2Mb / 12P
Wireless Module Solutions
SIM300D ETC1-SIM300D Datasheet
2Mb / 12P
Wireless Module Solutions
logo
SemiWell Semiconductor
SIM300D06AV3 SEMIWELL-SIM300D06AV3 Datasheet
225Kb / 4P
?쏦ALF-BRIDGE??IGBT MODULE
logo
List of Unclassifed Man...
SIM300E ETC1-SIM300E Datasheet
2Mb / 12P
Wireless Module Solutions
More results

Similar Description - SIM3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS9125 TI-TPS9125 Datasheet
338Kb / 24P
5 V/3 V SIM SUPPLY AND LEVEL SHIFTERS
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
SIM CARD READER
logo
STMicroelectronics
EMIF03-SIM02M8 STMICROELECTRONICS-EMIF03-SIM02M8 Datasheet
380Kb / 10P
3 line IPAD, EMI filter for SIM card applications
07-Oct-2007
logo
Tyco Electronics
2-1705300-8 MACOM-2-1705300-8 Datasheet
1Mb / 6P
SIM Card Connector Series
logo
ELESTA GmbH
SIM2 ELESTA-SIM2 Datasheet
239Kb / 1P
SIM 2 Series
SIM4 ELESTA-SIM4 Datasheet
286Kb / 1P
SIM 4 Series
logo
Molex Electronics Ltd.
2007660111 MOLEX1-2007660111_19 Datasheet
51Kb / 1P
Combo 3-in-2 (Nano-SIM and microSD or Dual Nano-SIM Connector, 1.37mm Height
logo
PHOENIX CONTACT
2271390 PHOENIX-2271390 Datasheet
174Kb / 4P
SIM-AMSC1
logo
NimbeLink Corp.
NL-SIM-ATT-CTRI NIMBELINK-NL-SIM-ATT-CTRI Datasheet
1Mb / 6P
SIM Card
May 2019
NL-SIM-VOD NIMBELINK-NL-SIM-VOD Datasheet
518Kb / 6P
SIM Card
Rev.02 March 2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com