Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM4 Datasheet(PDF) 1 Page - ELESTA GmbH

Part # SIM4
Description  SIM 4 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELESTA [ELESTA GmbH]
Direct Link  https://www.elesta-gmbh.com/
Logo ELESTA - ELESTA GmbH

SIM4 Datasheet(HTML) 1 Page - ELESTA GmbH

  SIM4 Datasheet HTML 1Page - ELESTA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Copyright
11/2014
ELESTA GmbH, Heuteilstrasse 18,
CH - 7310 Bad Ragaz, Switzerland
Fon:
+41 (0)81 303 54 00
Fax:
+41 (0)81 303 54 01
Circuit Diagram (view on relay upper side)
12
11
33
34
33
34
A1
A2
44
43
SIM312
12
11
22
21
23
24
A1
A2
44
43
SIM222
Insulation Data
- Basic insulation
at 250 VAC
- Air and creepage distance
>4 mm
- Test voltage
2500 V / 50 Hz / 1 min
- Double or reinforced insulation
at 250 VAC
- Air and creepage distance
>5,5 mm
- Test voltage
4000 V / 50 Hz / 1 min
- Double or reinforced insulation
at 250 VAC
- Air and creepage distance
>14 mm
- Test voltage
5000 V / 50 Hz / 1 min
Test voltage contact oopen
1500 V / 50 Hz / 1 min
Creepage resitance
CTI 250
Pollution degree
2
Overvoltage category
III
Insulation resistance at Up 500 VDC
>100 MΩ
Additional Data
Mechanical endurance
>10 x 106 operations
Switching frequency, mechanical
15 Hz
Response time (all NO closed)
typically 8 ms
Drop-out time** (all NC closed)
typically 4 ms
Bounce time of NO contact
typically 6 ms
Bounce time of NC contact
typically 12 ms
Shock resistance 16 ms
NO > 10g
NC > 2,5g
Vibration resistance
NO > 10g
(10-200 Hz)
NC > 1g
Resistance to short circuiting contacts
1000 A SCPD 10 A gG / gL (pre-fuse)
Ambient temperature
-40°C to +70°C
Thermal Resistance
50 K / W
Temperature limit for coil
120°C
Weight
ca. 25 g
Mounting position
any
Type of protection
RT II
Solder bath temperature
270°C / 5 s
**without spark suppression
Tests, Regulations
Approvals
UL File E188953
Sec. 3
Insulation class IEC 60664-1
250 VAC
Protection class II
VDE 0106
Fire protection requirements
UL 94 / V0
Options, Accessories
PCB socket, DIN rail socket
Product Key
SIM 3 1 2 24VDC
Coil voltage
Soldering tags
Number of NC contacts
Number of NO contacts
Type designation
Contact Lifetime NO-Contacts
AC 1:230V
AC 1:230V
DC 1: 24V
DC 1: 24V
AC 15: 230V
AC 15: 230V
DC 13: 24V
DC 13: 24V
10000
1000
100
10
0,1
0,5
1,0
5,0
10
Maximal switching characteristics (DIN EN60947-5-1,
Tab. C2)
AC 1:
250 V / 8 A
AC 15:
230 V / 3 A
DC 1:
24 V / 8 A
DC 13:
24 V / 6 A / 0,1 Hz
UL 508:
C150 / R300
Maximal contact load at AC 1 with 230 V:
2 contacts with 8 A each
3 contacts with 6 A each
Load Limit Curve with Direct Current
1)
0
0,1
0,2
0,3
0,4
0,6
0,8
1
2
3
4
6
8
50
100
150
200
250
1
2
Inductive load L/R 40 ms
2) Resistive load
Excitation Voltage Range
1)
0
0
0,5
1,0
1,5
2,0
2,5
3,0
20
40
60
80
100
UB
UN
1
2
Max. excitation voltage with contact load: ≤6 A
2) Min. excitation voltage (guaranteed values) without
previous operation
No heat accumulation due to intrinsic heating of
other components. Continuous duty 100%.
Switching Current (A) →
Voltage (VDC) →
Ambient Temperature °C →
Relay Key Data
- PCB Relay with forcibly guided contacts
- Protective separation between coil and contacts
(leakage and creepage distances >14 mm); protective
separation diagonally between left and right contact
side (leakage and creepage distances >5,5 mm)
- EN50205 type A
- Contact mounting:
SIM312
3 NO / 1 NC
SIM222
2 NO / 2 NC
- Small external dimensions
- Nominal coil power 1 W
- Holding coil power 0,29 W
Dimensions
36,1
0,3 0,4
15,9
5 5 5 2,4
2,8
12,5
0,5
1
2,5
2,5
7,5
15,9
5 5 5 2,4
2,8
Ø 1,3
[mm]
Contact Data
Contact material
AgSnO2 + 0,2 μm Au
Type of contact
Crest contact
Rated switching capacity
250 VAC 8 A AC1 2000 VA
Electr. life AC 1(360 cycles / h)
approx.100000
Inrush current max.
20 A for 20 ms
Switching voltage range
5 to 250 VDC / VAC
Switching current range*
10 mA to 8 A
Switching capacity range*
60 mW to 2000 W(VA)
Contact resistance (as delivered)
≤100 mΩ / 6 V / 100 mA
*Guided values
Standard coils for direct current
(other voltages on request)
5
3,75
≥0,5
181,8
27,5 ± 10%
6
4,5
≥0,6
166,0
36 ± 10%
12
9,0
≥1,2
85,7
140 ± 10%
21
15,75
≥2,1
46,6
450 ± 10%
24
18,0
≥2,4
40,0
600 ± 10%
48
36,0
≥4,8
20,8
2300 ± 10%
60
45,0
≥6,0
16,6
3600 ± 13%
110
82,5
≥11,0
9,6
12000 ± 15%
SIM 4 Series
Page 30


Similar Part No. - SIM4

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SIM400D06AV3 SEMIWELL-SIM400D06AV3 Datasheet
210Kb / 4P
?쏦ALF-BRIDGE??IGBT MODULE
logo
List of Unclassifed Man...
SIM4100 ETC1-SIM4100 Datasheet
2Mb / 12P
Wireless Module Solutions
logo
celduc-relais
SIM465000 CELDUC-SIM465000 Datasheet
427Kb / 5P
Power Solid State Relay With Analog Control, pitch 22.5mm compact size and DIN rail mounting.
More results

Similar Description - SIM4

ManufacturerPart #DatasheetDescription
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
SIM CARD READER
logo
Molex Electronics Ltd.
1578314 MOLEX11-1578314 Datasheet
756Kb / 7P
SIM CONNECTOR ASSY
logo
Tyco Electronics
2-1705300-8 MACOM-2-1705300-8 Datasheet
1Mb / 6P
SIM Card Connector Series
logo
Adam Technologies, Inc.
SCC-H-08-SG-SMT ADAM-TECH-SCC-H-08-SG-SMT Datasheet
92Kb / 1P
SIM CARD CONNECTOR
logo
ELESTA GmbH
SIM2 ELESTA-SIM2 Datasheet
239Kb / 1P
SIM 2 Series
SIM3 ELESTA-SIM3 Datasheet
273Kb / 1P
SIM 3 Series
logo
AAEON Technology
FWS-2251 AAEON-FWS-2251 Datasheet
299Kb / 2P
Accessible SIM Cover
logo
PHOENIX CONTACT
2271390 PHOENIX-2271390 Datasheet
174Kb / 4P
SIM-AMSC1
logo
NimbeLink Corp.
NL-SIM-ATT-CTRI NIMBELINK-NL-SIM-ATT-CTRI Datasheet
1Mb / 6P
SIM Card
May 2019
NL-SIM-VOD NIMBELINK-NL-SIM-VOD Datasheet
518Kb / 6P
SIM Card
Rev.02 March 2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com