Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP6 Datasheet(PDF) 1 Page - ELESTA GmbH

Part # SIP6
Description  SIP 6 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELESTA [ELESTA GmbH]
Direct Link  https://www.elesta-gmbh.com/
Logo ELESTA - ELESTA GmbH

SIP6 Datasheet(HTML) 1 Page - ELESTA GmbH

  SIP6 Datasheet HTML 1Page - ELESTA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Copyright
11/2014
ELESTA GmbH, Heuteilstrasse 18,
CH - 7310 Bad Ragaz, Switzerland
Fon:
+41 (0)81 303 54 00
Fax:
+41 (0)81 303 54 01
Circuit Diagram (view on relay upper side)
A1
A2
SIP 512
A1
A2
SIP 422
63
53
43
33
12
11 24
23
64
54
44
34
53
43
33
12
11 21
22
54
44
34
63
64
Insulation Data
- Basic insulation
at 250 VAC
- Air and creepage distance
>4 mm
- Test voltage
2500 V / 50 Hz / 1 min
- Double or reinforced insulation
at 250 VAC
- Air and creepage distance
>8 mm
- Test voltage
4000 V / 50 Hz / 1 min
- Double or reinforced insulation
at 250 VAC
- Air and creepage distance
>10 mm
- Test voltage
5000 V / 50 Hz / 1 min
Test voltage contact open
1500 V / 50 Hz / 1 min
Creepage resistance
CTI 250
Pollution degree
2
Overvoltage category
III
Insulation resistance at Up 500 VDC
>100 MΩ
Additional Data
Mechanical endurance
>10 x 106 operations
Switching frequency, mechanical
15 Hz
Response time (all NO closed)
typically 18 ms
Drop-out time** (all NC closed)
typically 5 ms
Bounce time of NO contact
typically 8 ms
Bounce time of NC contact
typically 12 ms
Shock resistance 16 ms
NO > 10g
NC > 8g
Vibration resistance
10-200 Hz
NO > 10g
10-50 Hz
NC > 5g
50-200 Hz
NC > 3,5g
Resistance to short circuiting control contacts
1000 A SCPD 6 A gG / gL (pre-fuse)
Resistance to short circuiting output contacts
1000 A SCPD 16 A gG / gL (pre-fuse)
Ambient temperature
-40°C to +70°C
Thermal resistance
40 K / W
Temperature limit for coil
125°C
Weight
ca. 60 g
Mounting position
any
Type of protection
RT II
Solder bath temperature
270°C / 5 s
**without spark suppression
Tests, Regulations
Approvals
UL File E188953
Sec. 4
Insulation class IEC 60664-1
250 VAC
Protection class II
VDE 0106
Fire protection requirements
UL 94 / V0
Options, Accessories
none available
Product Key
SIP 4 2 2 24VDC
Coil voltage
Soldering tags
Number of NC contacts
Number of NO contacts
Type designation
Contact Lifetime output contacts DC
10000
1000
100
10
1
5
10
16
DC 1: 24V
DC 1: 24V
DC 13: 24V
DC 13: 24V
DC 14: 24V
DC 14: 24V
Contact Lifetime output contacts AC
10000
1000
100
10
1
5
10
16
AC 1: 230V
AC 1: 230V
AC 3: 230V
AC 3: 230V
AC 3: 400V
AC 3: 400V
AC 15: 230V
AC 15: 230V
AC 1: 400V
AC 1: 400V
UL 508:
A600 / R150
Maximal contact load at AC 1 with 230 V:
2 contacts with 16 A each
3 contacts with 12 A each
4 contacts with 10 A each
Load Limit Curve with Direct Current
1)
1
2
0,1
0,2
0,4
0,8
1
2
4
8
16
50
100
150
200
250
0
Inductive load L/R 40 ms
2) Resistive load
Excitation Voltage Range
1)
0
0
0,5
1,0
1,5
2,0
2,5
3,0
20
40
60
80
100
UB
UN
1
2
Max. excitation voltage with contact load:
control contacts ≤4 A, output contacts ≤12 A
2) Min. excitation voltage (guaranteed values) without
previous operation
Switching Current (A) →
Switching Current (A) →
Voltage (VDC) →
Ambient Temperature °C →
Relay Key Data
- PCB Relay with forcibly guided contacts
- Protective separation between coil/control contacts and
output contacts (>8 mm) and output contacts in one row
(>10 mm)
- EN50205 type A
- Contact mounting:SIP512 Control contacts 1 NO / 1 NC
Output contacts 4 NO
SIP422 Control contacts 2 NC
Output contacts 4 NO
- High switching power
- Nominal coil power 1,3 W
- Holding coil power 0,39 W
- For railway application (EN50155) on request
Dimensions
84,6
0,4
25,4
2,1
5 8,5 6,5 6,5 6,5
4,1
5
5
5
5
20
12,5
6,5
1
3
3
0,5
14
2,1 25,4 5
5
5
5
5
8,5 6,5
Ø 1,3
6,5 6,5
4,1
[mm]
Control Contact
Contact material
AgSnO2 + 0,2 µm Au
Rated switching capacity
250 VAC 6 A AC1 1500 VA
Electr. life AC 1(360 cycles / h)
approx.100000
Inrush current max.
15 A for 20 ms
Switching voltage range
5 to 250 VDC / VAC
Switching current range*
5 mA to 6 A
Switching capacity range*
60 mW to 1500 W(VA)
Contact resistance (as delivered)
≤100 mΩ / 6 V / 100 mA
Output Contact
Contact material
AgSnO2
Rated switching capacity
250 VAC (440 VAC) 16 A AC1 4000 VA
Electr. life AC 1(360 cycles / h)
approx.250000
Inrush current max.
60 A for 20 ms
Switching voltage range
5 to 250 VDC (480 VAC)
Switching current range*
10 mA to 16 A
Switching capacity range*
120 mW to 4000 W(VA)
Contact resistance (as delivered)
≤100 mΩ / 6 V / 100 mA
*Guided values
Standard coils for direct current
(other voltages on request)
6
4,2
≥0,6
218,0
27,5 ± 10%
12
8,4
≥1,2
109,0
110 ± 10%
18
12,6
≥1,8
72,0
248 ± 10%
24
16,8
≥2,4
54,5
440 ± 10%
48
33,6
≥4,8
27,2
1760 ± 10%
60
42,0
≥6,0
21,8
2750 ± 10%
110
77,0
≥11,0
11,8
9250 ± 13%
220
154,0
≥22,0
5,9
37000 ± 15%
SIP 6 Series


Similar Part No. - SIP6

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
SIP VIGO-SIP Datasheet
814Kb / 2P
SIP series preamplifiers
18/03/2021
logo
Amkor Technology
SIP AMKOR-SIP Datasheet
2Mb / 5P
SiPs as multi-component, multifunction products in an IC package.
02/22
logo
Multicomp Pro
SIP MULTICOMP-SIP Datasheet
110Kb / 3P
Single In Line Switches - Straight Terminals
21/3/08 REV A
logo
Samsung semiconductor
SIP-005AFS301 SAMSUNG-SIP-005AFS301 Datasheet
1Mb / 75P
BLOCK DIAGRAM AND MODULE FEATURES
SIP-005AFS302 SAMSUNG-SIP-005AFS302 Datasheet
1Mb / 75P
BLOCK DIAGRAM AND MODULE FEATURES
More results

Similar Description - SIP6

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM165-SIP PEAK-PPM165-SIP Datasheet
173Kb / 3P
PPM-SIP-SERIES
logo
Total Power Internation...
MAW01 TOTAL-POWER-MAW01 Datasheet
379Kb / 4P
Compact SIP-6 Package
logo
DATEL, Inc.
PT22D5-0.6 DATEL-PT22D5-0.6 Datasheet
179Kb / 1P
Switching Regulator 6-Watt SIP, 짹5 Volts Output
PT22S3.3-1.5 DATEL-PT22S3.3-1.5 Datasheet
159Kb / 1P
Switching Regulator 6-Watt SIP, 3.3 Volts Output
PT22S15-0.4 DATEL-PT22S15-0.4 Datasheet
159Kb / 1P
Switching Regulator 6-Watt SIP, 15 Volts Output
PT45D15-0.2 DATEL-PT45D15-0.2 Datasheet
159Kb / 1P
Switching Regulator 6-Watt SIP, 짹15 Volts Output
PT45S3.3-1.5 DATEL-PT45S3.3-1.5 Datasheet
159Kb / 1P
Switching Regulator 6-Watt SIP, 3.3 Volts Output
PT45S5-1.2 DATEL-PT45S5-1.2 Datasheet
159Kb / 1P
Switching Regulator 6-Watt SIP, 5 Volts Output
PT45S15-0.4 DATEL-PT45S15-0.4 Datasheet
159Kb / 1P
Switching Regulator 6-Watt SIP, 15 Volts Output
logo
VIGO Photonics S.A.
SIP VIGO-SIP Datasheet
814Kb / 2P
SIP series preamplifiers
18/03/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com