Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2290 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2290
Description  16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2290 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2290 Datasheet HTML 4Page - NXP Semiconductors LPC2290 Datasheet HTML 5Page - NXP Semiconductors LPC2290 Datasheet HTML 6Page - NXP Semiconductors LPC2290 Datasheet HTML 7Page - NXP Semiconductors LPC2290 Datasheet HTML 8Page - NXP Semiconductors LPC2290 Datasheet HTML 9Page - NXP Semiconductors LPC2290 Datasheet HTML 10Page - NXP Semiconductors LPC2290 Datasheet HTML 11Page - NXP Semiconductors LPC2290 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Philips Semiconductors
LPC2290
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 09 February 2004
8 of 41
9397 750 12874
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
P2.0 to P2.31
98, 105, 106,
108, 109,
114-118,
120, 124,
125, 127,
129-134,
136, 137, 1,
10-13, 16-20
I/O
Port 2 — Port 2 is a 32-bit bi-directional I/O port with individual direction
controls for each bit. The operation of port 2 pins depends upon the pin
function selected via the Pin Connect Block.
P2.0
98
I/O
D0 — External memory data line 0.
P2.1
105
I/O
D1 — External memory data line 1.
P2.2
106
I/O
D2 — External memory data line 2.
P2.3
108
I/O
D3 — External memory data line 3.
P2.4
109
I/O
D4 — External memory data line 4.
P2.5
114
I/O
D5 — External memory data line 5.
P2.6
115
I/O
D6 — External memory data line 6.
P2.7
116
I/O
D7 — External memory data line 7.
P2.8
117
I/O
D8 — External memory data line 8.
P2.9
118
I/O
D9 — External memory data line 9.
P2.10
120
I/O
D10 — External memory data line 10.
P2.11
124
I/O
D11 — External memory data line 11.
P2.12
125
I/O
D12 — External memory data line 12.
P2.13
127
I/O
D13 — External memory data line 13.
P2.14
129
I/O
D14 — External memory data line 14.
P2.15
130
I/O
D15 — External memory data line 15.
P2.16
131
I/O
D16 — External memory data line 16.
P2.17
132
I/O
D17 — External memory data line 17.
P2.18
133
I/O
D18 — External memory data line 18.
P2.19
134
I/O
D19 — External memory data line 19.
P2.20
136
I/O
D20 — External memory data line 20.
P2.21
137
I/O
D21 — External memory data line 21.
P2.22
1
I/O
D22 — External memory data line 22.
P2.23
10
I/O
D23 — External memory data line 23.
P2.24
11
I/O
D24 — External memory data line 24.
P2.25
12
I/O
D25 — External memory data line 25.
P2.26
13
I/O
D26 — External memory data line 26.
I
BOOT0 — While RESET is low, together with BOOT1 controls booting and
internal operation. Internal pull-up ensures high state if pin is left
unconnected.
Table 3:
Pin description…continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com