Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2089 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF2089
Description  SAW Filter for Multimedia Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2089 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF2089 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2089 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2089 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Iss1 C1u,
Date 13-7-2011
Electrical Characteristics
(@25°C)
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency
fC
139.60
140.00
140.40
MHz
Insertion Loss (@140.00MHz)
IL
--
8.7
11
dB
1dB Bandwidth
BW3
15
16
--
MHz
Passband Ripple
133.60 …. 146.40 MHz
Δα
--
0.6
1.0
dB
Phase Linearity
133.60 …. 146.40 MHz
Δφ
--
10
14
deg
Absolute Group Delay
τ
1.02
μs
Group Delay Variation
133.60 …. 146.40 MHz
Δτ
--
60
160
ns
Source Impedance
50
Ω
Load Impedance
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com