Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTR4002 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTR4002
Description  SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR4002 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTR4002 Datasheet HTML 1Page - Advanced Crystal Technology ACTR4002 Datasheet HTML 2Page - Advanced Crystal Technology ACTR4002 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
2 OF 3
5.Typical Frequency Response
6.Temperature Characteristics
7.Performance
7-1.Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation
0
dBm
DC Voltage Between Terminals
±30V
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature
+250
°C
7-2.Electronic Characteristics
Characteristic
Sym
Minimum
Typical
Maximum
Units
Absolute Frequency
fC
433.845
433.995
MHz
Centre Frequency
(+25
°C)
Tolerance from 433.920 MHz
∆f
C
±75
kHz
Insertion Loss
IL
1.5
2.2
dB
Unloaded Q
QU
8,800
Quality Factor
50
Ω Loaded Q
QL
1,400
Turnover Temperature
T0
25
45
°C
Turnover Frequency
f0
fC
kHz
Temperature
Stability
Frequency Temperature Coefficient
FTC
0.032
ppm/
°C 2
Frequency Aging
Absolute Value during the First Year
|fA|
≤10
ppm/yr
DC Insulation Resistance Between Any Two Terminals
1.0
M
Ω
Motional Resistance
RM
19
29
Ω
Motional Inductance
LM
61.1372
µH
Motional Capacitance
CM
2.2027
fF
RF Equivalent
RLC Model
Shunt Static Capacitance
C 0
1.9
2.2
2.5
pF
Issue : 1.1 C1
Date : March 2010



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com