Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTR8027 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTR8027
Description  SURFACE-MOUNT SAW RESONATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR8027 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTR8027 Datasheet HTML 1Page - Advanced Crystal Technology ACTR8027 Datasheet HTML 2Page - Advanced Crystal Technology ACTR8027 Datasheet HTML 3Page - Advanced Crystal Technology ACTR8027 Datasheet HTML 4Page - Advanced Crystal Technology ACTR8027 Datasheet HTML 5Page - Advanced Crystal Technology ACTR8027 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
- 2 -
Features
1-port Resonator
Provides reliable, fundamental mode, quartz
frequency stabilization i.e. in transmitters or
local oscillators
Surface Mounted Technology (SMT)
Lead-free production and RoHS compliance
Package Dimensions
Ceramic Package: DCC6C
Pin Configuration
2
Terminal
5
Terminal
1, 3, 4, 6
Ground
Marking
Equivalent LC Model
ACTR
8027
Top View, Laser Marking
"ACT”: Manufacturer’s mark
“R”: SAW resonator
“8027”: Part number
Maximum Ratings
Rating
Value
Unit
CW RF power dissipation
P
0
dBm
DC voltage between any terminals
VDC
±30
V
Operating temperature range
TA
-40 ~ +85
°C
Storage temperature range
Tstg
-40 ~ +85
°C
Soldering Temperature (10 seconds)
TS
260
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com