Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6182AMN Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6182AMN
Description  Dual 100 mA Output, 100 MHz Current Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6182AMN Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM6182AMN Datasheet HTML 12Page - National Semiconductor (TI) LM6182AMN Datasheet HTML 13Page - National Semiconductor (TI) LM6182AMN Datasheet HTML 14Page - National Semiconductor (TI) LM6182AMN Datasheet HTML 15Page - National Semiconductor (TI) LM6182AMN Datasheet HTML 16Page - National Semiconductor (TI) LM6182AMN Datasheet HTML 17Page - National Semiconductor (TI) LM6182AMN Datasheet HTML 18Page - National Semiconductor (TI) LM6182AMN Datasheet HTML 19Page - National Semiconductor (TI) LM6182AMN Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Typical Applications
CURRENT FEEDBACK TOPOLOGY
For a conventional voltage feedback amplifier the resulting
small-signal bandwidth is inversely proportional to the de-
sired gain to a first order approximation based on the
gain-bandwidth concept. In contrast, the current feedback
amplifier topology, such as the LM6182, transcends this limi-
tation to offer a signal bandwidth that is relatively indepen-
dent of the closed loop gain.
Figure 1A and Figure 1B illus-
trate that for closed loop gains of −1 and −5 the resulting
pulse fidelity suggests quite similiar bandwidths for both
configurations.
FEEDBACK RESISTOR SELECTION: R
f
Selecting the feedback resistor, R
f, is a dominant factor in
compensating the LM6182. For general applications the
LM6182 will maintain specified performance with an 820
Ω
feedback resistor. The closed-loop bandwidth of the LM6182
depends on the feedback resistance, R
f. Therefore, Rs, and
not R
f, is varied to adjust for the desired closed-loop gain as
demonstrated in
Figure 2.
Although this R
f value will provide good results for most ap-
plications, it may be advantageous to adjust this value
slightly. Consider, for instance, the effect on pulse responses
with two different configurations where both the closed-loop
gains are +2 and the feedback resistors are 820
Ω, and
1640
Ω, respectively. Figure 3A and Figure 3B illustrate the
effect
of
increasing
R
f
while
maintaining
the
same
closed-loop gain – the amplifier bandwidth decreases. Ac-
cordingly, larger feedback resistors can be used to slow
down the LM6182 and reduce overshoot in the time domain
response. Conversely, smaller feedback resistance values
than 820
Ω can be used to compensate for the reduction of
bandwidth at high closed-loop gains, due to 2nd order ef-
fects. For example
Figure 4A and Figure 4B illustrate reduc-
ing R
f to 500Ω to establish the desired small signal response
in an amplifier configured for a closed-loop gain of +25.
DS011926-20
1A. A
V = −1
DS011926-21
1B. A
V = −5
FIGURE 1. Variation of Closed-Loop Gain from −1 to −5
Yields Similar Responses.
DS011926-22
FIGURE 2. R
f Sets Amplifier Bandwidth and Rs is
Adjusted to Obtain the Desired Closed-Loop Gain, A
V.
DS011926-23
3A. R
f = 820Ω
DS011926-24
3B. R
f = 1640Ω
FIGURE 3. Increase Compensation by Increasing
R
f,AV = +2
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com