Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM66 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM66
Description  Dual Output Internally Preset Thermostat
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM66 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM66 Datasheet HTML 1Page - National Semiconductor (TI) LM66 Datasheet HTML 2Page - National Semiconductor (TI) LM66 Datasheet HTML 3Page - National Semiconductor (TI) LM66 Datasheet HTML 4Page - National Semiconductor (TI) LM66 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Part Number Template The series of digits labled vw xy z in the part number LM66CIM-vw xy z, describe the
set points and the function of OUT1 and OUT2 as follows:
The place holders v w describe the set point of T1 as shown in the following table.
The place holders xy describe the set point of T2 as shown in the following table. z=0 (Other assignments are reserved.)
For example the part number LM66CIM-RLSKB has: T1 = 73˚C, T2 = 82˚C, OUT1 and OUT2 set as active-low
open-collector outputs with OUT1 mapped to pin 7 and OUT2 mapped to pin 6.
v, w, x and y
Temperature (˚C)
B−5
C−4
D−3
F−2
G−1
H−0
J1
K2
L3
N4
v, w, x and y
Temperature (˚C)
P5
Q6
R7
S8
T9
V10
X11
Y12
Z13
The value of z describes the assignment/function of OUT1 and OUT2 as shown in the following table:
Active
Low//High
Open
Collector/
Totem Pole
Mapping
Value of z
Function of OUT1 and OUT2
0
0
0
B
Active-Low, Open-Collector, OUT1 mapped to pin 7, OUT2
mapped to pin 6
0
0
1
C
Active-Low, Open-Collector, OUT1 mapped to pin 6, OUT2
mapped to pin 7
0
1
0
D
Active-Low, Totem Pole, OUT1 mapped to pin 7, OUT2
mapped to pin 6
0
1
1
F
Active-Low, Totem Pole, OUT1 mapped to pin 6, OUT2
mapped to pin 7
1
0
0
G
Active-High, Open-Collector, OUT1 mapped to pin 7, OUT2
mapped to pin 6
1
0
1
H
Active-High, Open-Collector, OUT1 mapped to pin 6, OUT2
mapped to pin 7
1
1
0
J
Active-High, Totem Pole, OUT1 mapped to pin 7, OUT2
mapped to pin 6
1
1
1
K
Active-High, Totem Pole, OUT1 mapped to pin 6, OUT2
mapped to pin 7
www.national.com
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com