Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B250013 Datasheet(PDF) 1 Page - E-SWITCH

Part # B250013
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B250013 Datasheet(HTML) 1 Page - E-SWITCH

  B250013 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LP2S1WHTYEL-N
4/14/2014
B250013
A
EBP
1
1
2
3
YELLOW LED
CIRCUIT: SPST
OFF (ON)
+
-
1
4
YELLOW
20 NOMINAL
2.0 TYP.
150 TYP.
LED SPECS
FORWARD CURRENT
FORWARD VOLTAGE @20mA
LUMINOUS INTENSITY @ 20mA
mA
V
UNITS
mcd
2.50 MAX.
A
21433
RELEASE FOR PRODUCTION
4/14/14
EBP
3.81
[.150 in]
7.62
[.300 in]
1.27
[.050 in]
7.62
[.300 in]
n.80
[.031 in]
n1.60
[.063 in]
9.90
[.390 in]
9.90
[.390 in]
23.00
[.906 in]
12.00
[.472 in]
2.20
[.087 in]
3.00
[.118 in]
3.60
[.142 in]
1.27
[.050 in]
7.62
[.300 in]
7.62
[.300 in]
n2.00
[.079 in]
n1.50
[.059 in]
.60
[.024 in]
4
4
4
1
1
2
3
3
2
2
2
3
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING: 20VDC @ 1mA or 5VDC @ 5mA
4. CONTACT RESISTANCE: 200W
W
W
W MAX. @ 5VDC, 1mA
5. INSULATION RESISTANCE: 100MW
W
W
W MIN. @ 100VDC.
6. OPERATING FORCE: 125`35gf
7. TRAVEL: 1.3 +/-0.3 mm
8. OPERATING TEMPERATURE: -20~C TO 70~C
9. OPERATING LIFE: 300,000 CYCLES
10. LED: YELLOW
11.
DENOTES CRITICAL PARAMETERS
12. 2002/95/EC (ROHS) COMPLIANT
6.00
[.236 in]
6.00
[.236 in]
WHITE
CAP


Similar Part No. - B250013

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B250010 E-SWITCH-B250010 Datasheet
124Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B250011 E-SWITCH-B250011 Datasheet
126Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B250012 E-SWITCH-B250012 Datasheet
107Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B250014 E-SWITCH-B250014 Datasheet
173Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B250015 E-SWITCH-B250015 Datasheet
171Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B250013

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com