Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2001 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M2001
Description  Ceramic/Cermet Attenuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M2001 Datasheet(HTML) 2 Page - Vishay Siliconix

  M2001 Datasheet HTML 1Page - Vishay Siliconix M2001 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M2001C
Vishay Draloric
www.vishay.com
For Technical Questions contact: ff1aresistors@vishay.com
Document number: 20152
2
Revision 14-Jan-03
Ceramic/Cermet Attenuator
DIMENSIONS
MECHANICAL SPECIFICATIONS
Housing
Plastic material, dust protected
Mounting
Vertical, top adjustment, 6 pins
Actuation
Insulated plastic shaft with screw driver slot and inside hexagon
Metal Case
Tinned pins
Terminals
Silver plated pins
Mechanical Travel
3 turns, (6 turns on special request)
End Stop
3 turns version: Fixed stop
6 turns version: No end stop, clutch mechanism
Operating Torque
0.5Ncm to 3Ncm
Weight per PC
3.3g
PACKAGING
250 pieces in bulk
1.2
9 - 0.5
21
± 0.2
3.5 - 0.3
3.7
± 0.2
1.3
± 0.1
5
± 0.05
5
± 0.05
R1
R1
R2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com