Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8340-G220-R1F4 Datasheet(PDF) 3 Page - ETAL Group

Part # 8340-G220-R1F4
Description  Magnetic and Hydraulic-Magnetic Circuit Breaker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8340-G220-R1F4 Datasheet(HTML) 3 Page - ETAL Group

  8340-G220-R1F4 Datasheet HTML 1Page - ETAL Group 8340-G220-R1F4 Datasheet HTML 2Page - ETAL Group 8340-G220-R1F4 Datasheet HTML 3Page - ETAL Group 8340-G220-R1F4 Datasheet HTML 4Page - ETAL Group 8340-G220-R1F4 Datasheet HTML 5Page - ETAL Group 8340-G220-R1F4 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-G2...
www.e-t-a.de
1646
3
1
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-G2...
Terminal design
4.6
6x6.8
45
Terminal design -P1
11123 2(i) 24 12 2(k)
55.2
Terminal design -K4
111232412 2(k)
34
Terminal design -R1
23
24
2(i)
2(i)
1 11
12 2(k)
6
blade terminal A6.3-0.8
(QC .250) to DIN 4624
2.17
terminal M5
tightening torque
max.1.2 Nm
.181
6x.268
1.77
1.34
.236
Installation drawings
25
2
29
8
Terminal design -P
Terminal design -K
Terminal design -R
10
29
blow out outlet CBE
blow out area
operating area
(reinforced insulation)
mounting
area
terminal area
1.14
.394
1.14
.079
.315
.984
Internal connection diagrams
I >
11123
12
24
2(k)
line 1
11
23
2(k) load
line 11123
12
24
2(k) load
I >
unit 1
unit 2
I >
I >
line 11123
12
24
2(k) load
1-pole, protected magnetically
double pole
1-pole, protected
hydraulic-magnetically
12
24
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Auxiliary contact terminal design
6.8
45
1 N/O, 1 N/C
11123 2(i) 24 12 2(k)
1 N/C
111232412 2(k)
2(i)
18.2
11.4
1.77
.268
.716
terminal M5
tightening torque
max.1.2 Nm
blade terminal A6.3-0.8
(QC .250) to DIN 46244
.449
Approvals
Authority Standard
Rated voltage Current ratings
VDE
IEC / EN
60934
AC 240/415 V
AC 240 V
DC 80 V
0.02 A…30 A
0.02 A…30 A
0.02 A…50 A
UL
UL 1077
AC 250 V
DC 80 V
DC 80 V
0.02 A…30 A
0.02 A…50 A
100 A (2 poles in
parallel)
UL
UL 489A
DC 80 V
0.05 A…30 A
(1 + 2 pole)
CSA
C22.2 No
235
AC 250 V
DC 80 V
0.02 A…30 A
0.02 A…30 A
CQC
GB 17701
AC 240/415 V
AC 240 V
DC 80 V
DC 110 V
0.02 A…30 A
0.02 A…30 A
0.02 A…50 A
0.02 A…50 A (8340-G)
QPL
Sweden
Defence
Material
Admin.
MIL-C-55629 AC 240 V
DC 50 V
AC 240 V
AC 240 / 415 V
1 A…30 A (8340-F410)
1 A…30 A (8340-410)
1 A…30 A (8340-F420)
1 A…30 A (8340-F430)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com