Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8340-G211-R1F4 Datasheet(PDF) 4 Page - ETAL Group

Part # 8340-G211-R1F4
Description  Magnetic and Hydraulic-Magnetic Circuit Breaker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8340-G211-R1F4 Datasheet(HTML) 4 Page - ETAL Group

  8340-G211-R1F4 Datasheet HTML 1Page - ETAL Group 8340-G211-R1F4 Datasheet HTML 2Page - ETAL Group 8340-G211-R1F4 Datasheet HTML 3Page - ETAL Group 8340-G211-R1F4 Datasheet HTML 4Page - ETAL Group 8340-G211-R1F4 Datasheet HTML 5Page - ETAL Group 8340-G211-R1F4 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-G2...
www.e-t-a.de
1646
4
1
Typical time/current characteristics
… times rated current
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
Curve H1 for DC (medium delay)
… times rated current
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
10000
1000
12
46
812
… times rated current
100
10
1
0,1
0,01
0,001
3
05
79
10
11
Curve F4 for DC, magnetic (instantaneous)
(IN >20 A, 50% ON period, 60 min.) at +23 °C / +73.4 °F
Curve F5 for AC 50/60 Hz (instantaneous)
(IN > 20 A, 50 % ED/60 min.)
Curve E1 for DC (short delay)
… times rated current
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
Curve E2 (short delay) for AC 50/60 Hz
… times rated current
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
Curve H2 (medium delay) for AC 50/60 Hz
… times rated current
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
10000
1000
12
46
812
… times rated current
100
10
1
0,1
0,01
0,001
3
05
79
10
11
Curve R1 for DC (long delay)
… times rated current
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
Curve R2 (long delay) for AC 50/60 Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com