Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9801 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9801
Description  0 to 300 V, low distortion AC power source with models delivering a maximum of 1500 VA, 12 Arms / 48 Apeak
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9801 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9801 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9801 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9801 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9801 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9801 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.bkprecision.com
Programmable AC Power Sources
9800 Series
2
Front panel
Rear panel
LAN
interface
RS232
interface
USB
interface
AC line
input
AC output
terminal
Cooling
fan
BNC I/O for triggering,
output status / control,
and synchronization
Encoder knob for quick
analog style control
AC output
terminal
Cursor
keys
Function
keys
Numeric keypad for direct entry of
AC output waveform parameters
Bright VFD display shows Vrms, Irms,
Ipeak, frequency, power factor (PF),
apparent power, true power and
elapsed output time.
GPIB
interface
USB
interface
LAN
interface
RS232
interface
System BUS
(not used)
AC output
terminal
BNC I/O
trigger
110/220 V
selector
AC line
input
Cooling
fans
Models 9803 & 9805
Models 9803 & 9805
Model 9801
Model 9801



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com