Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8340-G220-R1E1 Datasheet(PDF) 1 Page - ETAL Group

Part # 8340-G220-R1E1
Description  Magnetic and Hydraulic-Magnetic Circuit Breaker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8340-G220-R1E1 Datasheet(HTML) 1 Page - ETAL Group

  8340-G220-R1E1 Datasheet HTML 1Page - ETAL Group 8340-G220-R1E1 Datasheet HTML 2Page - ETAL Group 8340-G220-R1E1 Datasheet HTML 3Page - ETAL Group 8340-G220-R1E1 Datasheet HTML 4Page - ETAL Group 8340-G220-R1E1 Datasheet HTML 5Page - ETAL Group 8340-G220-R1E1 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-G2...
www.e-t-a.de
1646
1
1
Description
Typical application
Technical data
Single and two pole magnetic circuit breakers with trip-free
mechanism and push/pull on/off manual actuation. A choice of fast
magnetic only or hydraulically delayed switching characteristics (S-
type MO or HM CBE to EN 60934) ensures suitability for a wide range
of applications. Convenient threadneck panel or plug-in mounting,
and with a white push button indicator band showing clearly the
tripped/off position. Available with auxiliary contacts (1 x N/O, 1 x
N/C) for status signalling.
Approved to CBE standard EN 60934 (IEC 60934).
Control equipment, communications systems, power semiconductors.
8340-G2...
1-pole
2-pole
For further details please see chapter: Technical Information
Voltage rating
3 AC 415 V; AC 240 V, 50/60 Hz; DC 80 V
(higher DC voltages to special order)
Current ratings
0.02...50 A DC
0.02...30 A AC
Auxiliary circuit
1 A, AC 240 V/DC 65 V
0.5 A, DC 80 V
Typical life
3 AC 415 V, AC 240 V:
0.02...30 A
6,000 operations at 1 x IN, inductive
10,000 operations at 1 x IN, resistive
DC 80 V: 0.02...25 A
6,000 operations at 1 x IN, inductive
0.02...30 A
10,000 operations at 1 x IN, resistive
40 + 50 A
5,000 operations at 1 x IN, resistive
Ambient temperature
-40...+85 °C (-40...+185 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664A)
withstand voltage
degree
2.5 kV
2
reinforced insulation in operating area
Dielectric strength
(IEC 60664 and 60664A)
operating area
test voltage AC 3,000 V
Line to Load
test voltage AC 1,500 V
pole to pole (2- and 3-pole) test voltage AC 1,500 V
main to auxiliary circuit test voltage AC 1,500 V
switching to trip circuit test voltage AC 1,500 V
(version -X)
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity
6 x IN at AC;
IEC 60934 - test sequence E 4 x IN at DC
Interrupting capacity
IN
0.02...20 A
25...30 A
(UL 1077)
AC:
1-pole
AC 250 V/3,500A AC 250 V/3,500A
2-pole
AC 250 V/3,500A AC 250 V/5,000A
DC:
1-pole
0.02...50 A
DC 80 V/3,500 A
2-pole
0.02...30 A
DC 80 V/3500 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
with button down:
10 g (57-2000 Hz), ± 0.76 mm (10-57 Hz)
at 0.9 x IN
other mounting planes: 10 g (57-2000 Hz) at IN
to IEC 60068-2-6, test Fc
10 frequency cycles/axis
Shock
100 g (11 ms) at 1 x IN, directions 1,2,3,4,5
100 g (11 ms) at 0.8 x IN, direction 6
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 70 g per pole
Standard current ratings and typical internal resistance values
Current rating (A)
Internal resistance (Ω) per pole
-F4/-F5
-E1/H1/R1
-E2/H2/R2
0.02
583
2441
2449
0.05
94
376
365
0.08
35.8
148
144
0.1
23
94
84
0.15
9.9
39
38
0.2
5
30.5
22.4
0.3
2.44
9.9
9.7
0.5
0.79
3.16
3.1
0.75
0.39
1.55
1.51
1
0.25
0.79
0.77
1.25
0.15
0.58
0.56
1.5
0.10
0.37
0.36
1.75
0.083
0.30
0.29
2
0.059
0.20
0.24
2.5
0.044
0.146
0.138
3
0.028
0.10
0.099
4
< 0.02
0.059
0.057
5
< 0.02
0.040
0.038
6
< 0.02
0.026
0.026
8
< 0.02
< 0.02
< 0.02
10
< 0.02
< 0.02
< 0.02
12
< 0.02
< 0.02
< 0.02
15
< 0.02
< 0.02
< 0.02
16
< 0.02
< 0.02
< 0.02
20
< 0.02
< 0.02
< 0.02
25
< 0.02*
< 0.02
< 0.02
30
< 0.02*
< 0.02
< 0.02
40
< 0.02
50
< 0.02
* 50 % ON duty / 60 min.


Similar Part No. - 8340-G220-R1E1

ManufacturerPart #DatasheetDescription
logo
E-T-A Elektrotechnische...
8340-G220-K4E1-A4H0-10A E-T-A-8340-G220-K4E1-A4H0-10A Datasheet
466Kb / 5P
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-G2...
8340-G220-K4E1-A4H0-15A E-T-A-8340-G220-K4E1-A4H0-15A Datasheet
466Kb / 5P
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-G2...
8340-G220-K4E1-A4H0-20A E-T-A-8340-G220-K4E1-A4H0-20A Datasheet
466Kb / 5P
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-G2...
8340-G220-K4E1-A4H0-25A E-T-A-8340-G220-K4E1-A4H0-25A Datasheet
466Kb / 5P
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-G2...
8340-G220-K4E1-A4H0-30A E-T-A-8340-G220-K4E1-A4H0-30A Datasheet
466Kb / 5P
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-G2...
More results

Similar Description - 8340-G220-R1E1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
Magnetic Hydraulic Circuit Breakers
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
2-1393254-7 MACOM-2-1393254-7 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
logo
List of Unclassifed Man...
LELK1-30299-176-V ETC2-LELK1-30299-176-V Datasheet
2Mb / 28P
Hydraulic Magnetic Circuit Protectors
IEG6-36902-2-V ETC2-IEG6-36902-2-V Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
logo
Littelfuse
AM2-X0-14-101-X01-C LITTELFUSE-AM2-X0-14-101-X01-C Datasheet
2Mb / 27P
Hydraulic-Magnetic Circuit Breaker
logo
Sensata Technologies, I...
IAG SENSATA-IAG Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
logo
List of Unclassifed Man...
8340-T110-K1M1-ALH126-10A ETC-8340-T110-K1M1-ALH126-10A Datasheet
410Kb / 6P
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-T...
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com