Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM70 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM70
Description  SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM70 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM70 Datasheet HTML 5Page - National Semiconductor (TI) LM70 Datasheet HTML 6Page - National Semiconductor (TI) LM70 Datasheet HTML 7Page - National Semiconductor (TI) LM70 Datasheet HTML 8Page - National Semiconductor (TI) LM70 Datasheet HTML 9Page - National Semiconductor (TI) LM70 Datasheet HTML 10Page - National Semiconductor (TI) LM70 Datasheet HTML 11Page - National Semiconductor (TI) LM70 Datasheet HTML 12Page - National Semiconductor (TI) LM70 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
1.0 Functional Description (Continued)
1.3 TEMPERATURE DATA FORMAT
Temperature data is represented by a 11-bit, two’s comple-
ment word with an LSB (Least Significant Bit) equal to
0.25˚C:
Temperature
Digital Output
Binary
Hex
+150˚C
0100 1011 0001 1111
4B 1Fh
+125˚C
0011 1110 1001 1111
3E 9Fh
+25˚C
0000 1100 1001 1111
0B 9Fh
+0.25˚C
0000 0000 0011 1111
00 3Fh
0˚C
0000 0000 0001 1111
00 1Fh
−0.25˚C
1111 1111 1111 1111
FF FFh
−25˚C
1111 0011 1001 1111
F3 9Fh
−55˚C
1110 0100 1001 1111
E4 9Fh
Note: The last two bits are TRI-STATE and depicted as one
in the table.
The first data byte is the most significant byte with most sig-
nificant bit first, permitting only as much data as necessary to
be read to determine temperature condition. For instance, if
the first four bits of the temperature data indicate an over-
temperature condition, the host processor could immediately
take action to remedy the excessive temperatures.
1.4 SHUTDOWN MODE/MANUFACTURER’S ID
Shutdown mode is enabled by writing XX FF to the LM70 as
shown in
Figure 7c and discussed in Section 1.2. The serial
bus is still active when the LM70 is in shutdown. Current
draw drops to less than 10 µA between serial communica-
tions. When in shutdown mode the LM70 always will output
1000 0001 0000 00XX. This is the manufacturer’s ID/Device
ID information. The first 5-bits of the field (1000 0XXX) are
reserved for manufacturer’s ID.
1.5 INTERNAL REGISTER STRUCTURE
The LM70 has three registers, the temperature register, the configuration register and the manufacturer’s/device identification
register. The temperature and manufacturer’s/device identification registers are read only. The configuration register is write only.
1.5.1 CONFIGURATION REGISTER
(Selects shutdown or continuous conversion modes):
(Write Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
XXXXXXXX
Shutdown
D0-D15 set to XX FF hex enables shutdown mode.
D0-D15 set to XX 00 hex enables continuous conversion mode.
Note: setting D0-D15 to any other values may place the LM70 into a manufacturer’s test mode, upon which the LM70 will stop
responding as described. These test modes are to be used for National Semiconductor production testing only. See Section 1.2
Serial Bus Interface for a complete discussion.
1.5.2 TEMPERATURE REGISTER
(Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
1
1
1
X
X
D0–D1: Undefined. TRI-STATE will be output on SI/0.
D2–D4: Always set high.
D5–D15: Temperature Data. One LSB = 0.25˚C. Two’s complement format.
1.5.3 MANUFACTURER’S/DEVICE ID REGISTER
(Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
10000001000000
X
X
D0–D1: Undefined. TRI-STATE will be output on SI/0.
D2-D4: Always set LOW.
D5–D15: Manufacturer’s ID Data. This register is accessed whenever the LM70 is in shutdown mode.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com