Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8345-B13Z-R0 Datasheet(PDF) 5 Page - ETAL Group

Part # 8345-B13Z-R0
Description  In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8345-B13Z-R0 Datasheet(HTML) 5 Page - ETAL Group

  8345-B13Z-R0 Datasheet HTML 1Page - ETAL Group 8345-B13Z-R0 Datasheet HTML 2Page - ETAL Group 8345-B13Z-R0 Datasheet HTML 3Page - ETAL Group 8345-B13Z-R0 Datasheet HTML 4Page - ETAL Group 8345-B13Z-R0 Datasheet HTML 5Page - ETAL Group 8345-B13Z-R0 Datasheet HTML 6Page - ETAL Group 8345-B13Z-R0 Datasheet HTML 7Page - ETAL Group 8345-B13Z-R0 Datasheet HTML 8Page - ETAL Group 8345-B13Z-R0 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
www.e-t-a.de
1651
5
1
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
multipole
1-pole protected
hydraulic-magnetically
1-pole
protected magnetically
line 1
11(C)
2 (load)
I >
14(NO)
12(NC)
line 1
2 (load)
I >
11(C)
14(NO)
12(NC)
unit 2
unit 1
11(C)
14(NO)
12(NC)
line 1
2 (load)
2 (load)
line 1
I >
I >
11(C)
14(NO)
12(NC)
unit 3
unit 4
Internal connection diagrams
Terminal design / Dimensions
49.2
LOAD
LINE
blade terminal A6.3-0.8
(QC .250) DIN 46244
1.94
P - with blade terminals
U/V stud terminals
with auxiliary contacts
NO
NC
C
7.5
7.5
LOAD
LINE
.295
.295
17.5
16.6
.689
.653
NC NO
C
R - round connectors
D = 6 mm
1.94
49.2
LOAD
LINE
6.3+0.1
plug-in hole
W - laminated round terminals
.248+.004
cylindrical terminal area
auxiliary contact
module (change over)
tightening torque:
10-32 UNF. M5 max. 2 Nm
1/4-20 UNC. M6 max. 3 Nm
49.2
LOAD
LINE
ø6.3
1.94
ø.248
This is a metric design and millimeter dimensions take precedence ( mm )
inch



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com