Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8345-C13Z-R0 Datasheet(PDF) 10 Page - ETAL Group

Part # 8345-C13Z-R0
Description  In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8345-C13Z-R0 Datasheet(HTML) 10 Page - ETAL Group

Back Button 8345-C13Z-R0 Datasheet HTML 2Page - ETAL Group 8345-C13Z-R0 Datasheet HTML 3Page - ETAL Group 8345-C13Z-R0 Datasheet HTML 4Page - ETAL Group 8345-C13Z-R0 Datasheet HTML 5Page - ETAL Group 8345-C13Z-R0 Datasheet HTML 6Page - ETAL Group 8345-C13Z-R0 Datasheet HTML 7Page - ETAL Group 8345-C13Z-R0 Datasheet HTML 8Page - ETAL Group 8345-C13Z-R0 Datasheet HTML 9Page - ETAL Group 8345-C13Z-R0 Datasheet HTML 10Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Remote ON/OFF actuation X8345-R for Circuit Breaker 8345
www.e-t-a.de
1651
10
1
Dimensions
OFF C ON
- +
62
78
2.44
3.07
M6
X8345-R-24-01-02-01-M
42
1.65
57
X8345-R-24-01-00-01-M
30°
12
23
14.2
49.2
63.5
OFF C ON
- +
spring loaded
screwless terminal
5-pin
0,2 – 1,2 mm2 (AWG 24 – AWG16)
38
19
.748
1.49
2.24
.559
.905
.472
2.5
1.94
16
.629
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved. Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
This is a metric design and millimeter dimensions take precedence ( mm )
inch



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com