Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8505ARJZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8505ARJZ-R7
Description  20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8505ARJZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8505ARJZ-R7 Datasheet HTML 4Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 5Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 6Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 7Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 8Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 9Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 10Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 11Page - Analog Devices AD8505ARJZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8505/AD8506/AD8508
Rev. E | Page 8 of 20
TA = 25°C, unless otherwise noted.
LOAD CURRENT (mA)
10k
0.1
0.001
10
0.01
0.1
1
1k
100
10
1
VSY = 1.8V
VDD – VOH
VOL
Figure 19. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE (°C)
14
12
10
8
6
4
2
0
–40 –25 –10
5
20
35
50
65
80
95
110 125
VSY = 1.8V
VDD – VOH @ RL = 10kΩ
VOL @ RL = 10kΩ
VDD – VOH @ RL = 100kΩ
VOL @ RL = 100kΩ
Figure 20. Output Voltage to Supply Rail vs. Temperature
90
0
10
20
30
40
50
60
70
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
AD8508
AD8506
AD8505
VCM = VSY/2
Figure 21. Total Supply Current vs. Supply Voltage
LOAD CURRENT (mA)
10k
0.01
0.1
0.001
10
100
0.01
0.1
1
1k
100
10
1
VSY = 5V
VDD – VOH
VOL
Figure 22. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE (°C)
14
12
10
8
6
4
2
0
–40 –25 –10
5
20
35
50
65
80
95
110 125
VSY = 5V
VDD – VOH @ RL = 10kΩ
VOL @ RL = 10kΩ
VDD – VOH @ RL = 100kΩ
VOL @ RL = 100kΩ
Figure 23. Output Voltage to Supply Rail vs. Temperature
90
0
10
20
30
40
50
60
70
80
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
AD8508, 1.8V
AD8508, 5V
AD8506, 1.8V
AD8606, 5V
AD8505, 1.8V
AD8505, 5V
VCM = VSY/2
Figure 24. Total Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com