Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8505ACBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8505ACBZ-R7
Description  20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8505ACBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8505ACBZ-R7 Datasheet HTML 11Page - Analog Devices AD8505ACBZ-R7 Datasheet HTML 12Page - Analog Devices AD8505ACBZ-R7 Datasheet HTML 13Page - Analog Devices AD8505ACBZ-R7 Datasheet HTML 14Page - Analog Devices AD8505ACBZ-R7 Datasheet HTML 15Page - Analog Devices AD8505ACBZ-R7 Datasheet HTML 16Page - Analog Devices AD8505ACBZ-R7 Datasheet HTML 17Page - Analog Devices AD8505ACBZ-R7 Datasheet HTML 18Page - Analog Devices AD8505ACBZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8505/AD8506/AD8508
Rev. E | Page 15 of 20
APPLICATIONS INFORMATION
PULSE OXIMETER CURRENT SOURCE
A pulse oximeter is a noninvasive medical device used for con-
tinuously measuring the percentage of hemoglobin (Hb) saturated
with oxygen and the pulse rate of a patient. Hemoglobin that is
carrying oxygen (oxyhemoglobin) absorbs light in the infrared
(IR) region of the spectrum; hemoglobin that is not carrying
oxygen (deoxyhemoglobin) absorbs visible red (R) light. In
pulse oximetry, a clip containing two LEDs (sometimes more,
depending on the complexity of the measurement algorithm) and
the light sensor (photodiode) is placed on the finger or earlobe
of the patient. One LED emits red light (600 nm to 700 nm) and
the other emits light in the near IR (800 nm to 900 nm) region.
The clip is connected by a cable to a processor unit. The LEDs
are rapidly and sequentially excited by two current sources (one
for each LED), whose dc levels depend on the LED being driven,
based on manufacturer requirements, and the detector is synchro-
nized to capture the light from each LED as it is transmitted
through the tissue.
An example design of a dc current source driving the red and
infrared LEDs is shown in Figure 49. These dc current sources
allow 62.5 mA and 101 mA to flow through the red and infrared
LEDs, respectively. First, to prolong battery life, the LEDs are
driven only when needed. One-third of the ADG733 SPDT
analog switch is used to disconnect or connect the 1.25 V voltage
reference from or to each current circuit. When driving the LEDs,
the ADR1581 1.25 V voltage reference is buffered by half of the
AD8506; the presence of this voltage on the noninverting input
forces the output of the op amp (due to the negative feedback)
to maintain a level that causes its inverting input to track the
noninverting pin. Therefore, the 1.25 V appears in parallel with
the 20 Ω R1 or 12.4 Ω R5 current source resistor, creating the flow
of 62.5 mA or 101 mA current through the red or infrared LED
as the output of the op amp turns on the Q1 or Q2 N-MOSFET
IRLMS2002.
The maximum total quiescent currents for the AD8506 (that is,
half of the AD8506), ADR1581, and ADG733 are 25 μA, 70 μA,
and 1 μA, respectively, resulting in a total of 96 μA current con-
sumption (480 μW power consumption) per circuit, which is good
for a system powered by a battery. If the accuracy and temperature
drift of the total design need to be improved, then a more accurate
and low temperature coefficient drift voltage reference and current
source resistor should be utilized. C3 and C4 are used to improve
stabilization of U1; R3 and R7 are used to provide some current
limit into the U1 inverting pin; and R2 and R6 are used to slow
down the rise time of the N-MOSFET when it turns on. These
elements may not be needed, or some bench adjustments may
be required.
8
4
6
7
5
C1
0.1µF
+5V
C3
22pF
R2
22Ω
R3
1kΩ
VOUT1
U1
1/2
AD8506
62.5mA
CONNECT TO RED LED
R1
20Ω
0.1%
1/4W MIN
RED CURRENT
SOURCE
8
4
2
1
3
+5V
C4
22pF
R6
22Ω
R7
1kΩ
VOUT2
101mA
CONNECT TO INFRARED LED
R5
12.4Ω
0.1%
1/2W MIN
INFRARED CURRENT
SOURCE
Q2
IRLMS2002
Q1
IRLMS2002
S1A
S1B
D1
S2A
S2B
D2
S3A
S3B
D3
GND
A2
A1
A0
EN
VSS
VDD
I_BIT2
I_BIT1
I_BIT0
I_ENA
R4
53.6kΩ
U3
ADR1581
C2
0.1µF
+5V
U2
ADG733
VREF = 1.25V
+5V
14
15
4
16
8
12
13
2
1
5
3
9
10
11
6
7
V+
V–
U1
1/2
AD8506
V+
V–
Figure 49. Pulse Oximeter Red and Infrared Current Sources Using the
AD8506 as a Buffer to the Voltage Reference Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com