Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8597ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8597ACPZ-R2
Description  Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8597ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8597ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8597/AD8599
Data Sheet
Rev. E | Page 10 of 20
–50
–25
0
25
50
0
–0.5
–1.0
–1.5
–2.0
–2.5
TEMPERATURE (°C)
75
100
125
150
VEE – VOL @ RL = 600Ω
VEE – VOL @ RL = 2kΩ
AD8599
VSY = ±5V
Figure 28. Output Saturation Voltage vs. Temperature
–50
0
50
–13.0
–13.5
TEMPERATURE (°C)
100
150
VOL @ RL = 600Ω
VOL @ RL = 2kΩ
–14.0
–14.5
–15.0
AD8599
VSY = ±15V
Figure 29. Output Voltage Low vs. Temperature
100
–60
–40
–20
0
20
40
60
80
–100
–80
10
100
1k
10k
50k
FREQUENCY (kHz)
AD8597
VSY = ±5V
RL = 2kΩ
CL = 200pF
CL = 20pF
–40
–20
0
20
40
60
80
100
–80
–100
–60
Figure 30. Gain and Phase vs. Frequency
–50
–25
0
25
50
0
–0.5
–1.0
–1.5
–2.0
–2.5
TEMPERATURE (°C)
75
100
125
150
VEE – VOL @ RL = 600Ω
VEE – VOL @ RL = 2kΩ
AD8599
VSY = ±15V
Figure 31. Output Saturation Voltage vs. Temperature
–50
0
50
15.0
14.8
14.6
14.4
14.2
13.0
TEMPERATURE (°C)
100
150
VOH @ RL = 600Ω
14.0
13.8
13.6
13.4
13.2
VOH @ RL = 2kΩ
AD8599
VSY = ±15V
Figure 32. Output Voltage High vs. Temperature
120
–40
–20
0
20
40
60
80
100
–80
–60
–40
–20
0
20
40
60
80
100
–80
–100
–60
1
10
100
1k
50k
10k
FREQUENCY (kHz)
AD8597
VSY = ±15V
RL = 2kΩ
CL = 200pF
CL = 20pF
Figure 33. Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com