Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5901WCCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADF5901WCCPZ
Description  24 GHz to 24.25 GHz voltage controlled oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901WCCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF5901WCCPZ Datasheet HTML 9Page - Analog Devices ADF5901WCCPZ Datasheet HTML 10Page - Analog Devices ADF5901WCCPZ Datasheet HTML 11Page - Analog Devices ADF5901WCCPZ Datasheet HTML 12Page - Analog Devices ADF5901WCCPZ Datasheet HTML 13Page - Analog Devices ADF5901WCCPZ Datasheet HTML 14Page - Analog Devices ADF5901WCCPZ Datasheet HTML 15Page - Analog Devices ADF5901WCCPZ Datasheet HTML 16Page - Analog Devices ADF5901WCCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ADF5901
Data Sheet
Rev. A | Page 12 of 26
Table 5. C5, C4, C3, C2, and C1 Truth Table
Control Bits
C5 (DB4)
C4 (DB3)
C3 (DB2)
C2 (DB1)
C1 (DB0)
Register
0
0
0
0
0
R0
0
0
0
0
1
R1
0
0
0
1
0
R2
0
0
0
1
1
R3
0
0
1
0
0
R4
0
0
1
0
1
R5
0
0
1
1
0
R6
0
0
1
1
1
R7
0
1
0
0
0
R8
0
1
0
0
1
R9
0
1
0
1
0
R10
0
1
0
1
1
R11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com