Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4855-3YCPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4855-3YCPZ-R2
Description  Single Supply, High Speed, Rail-to-Rail Output, Triple Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4855-3YCPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4855-3YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
ADA4855-3
Data Sheet
Rev. A | Page 16 of 20
RGB VIDEO DRIVER
Figure 51 shows a typical RGB driver application using dual
supplies. The gain of the amplifier is set at +2, where RF = RG =
1 kΩ. The amplifier inputs are terminated with shunt 75 Ω
resistors, and the outputs have series 75 Ω resistors for proper
video matching. In Figure 51, the PD pin is not shown connected
to any signal source for simplicity. If the power-down function
is not used, it is recommended that the PD pin be tied to the
positive supply or be left floating (not connected).
ADA4855-3
PD
16
15
14
13
5
6
7
8
12
11
10
9
1
2
3
4
0.1µF
0.1µF
0.1µF
0.1µF
10µF
0.1µF
+
0.1µF
10µF
75Ω
1kΩ
1kΩ
1kΩ 1kΩ
75Ω
75Ω
75Ω
1kΩ
1kΩ
75Ω
75Ω
–VS
–VS
+VS
+VS
VOUT (R)
VIN (R)
VIN (G)
VIN (B)
VOUT (G)
VOUT (B)
Figure 51. RGB Video Driver
DRIVING MULTIPLE VIDEO LOADS
Each amplifier in the ADA4855-3 can drive up to three video
loads simultaneously, as shown in Figure 52. When driving
three video loads, the ADA4855-3 maintains its excellent
performance for 0.1 dB flatness and 3 dB bandwidth. Figure 53
shows the large signal frequency response of the ADA4855-3
with three different load configurations: 150 Ω, 75 Ω and 50 Ω.
75Ω
CABLE
75Ω
CABLE
75Ω
75Ω
75Ω
VOUT2
VOUT1
–VS
+VS
VIN
0.1µF
0.1µF
10µF
10µF
75Ω
CABLE
75Ω
75Ω
75Ω
CABLE
75Ω
75Ω
VOUT3
+
RF
1kΩ
RG
1kΩ
ADA4855-3
0.1µF
Figure 52. Video Driver Schematic for Triple Video Loads
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
110
100
FREQUENCY (MHz)
200
RL =150Ω
VOUT =2V p-p
G = 2
RL =75Ω
RL =50Ω
Figure 53. Large Signal Frequency Response vs. Loads
PD (POWER-DOWN) PIN
The ADA4855-3 is equipped with a PD (power-down) pin
for all three amplifiers. This allows the user to reduce the
quiescent supply current when an amplifier is inactive. The
power-down threshold levels are derived from the voltage
applied to the +VS pin. When used in single-supply applications,
this is especially useful with conventional logic levels. The
amplifier is enabled when the voltage applied to the PD pin is
greater than +VS − 1.25 V. In a single-supply application, the
voltage threshold is typically +3.75 V, and in a ±2.5 V dual-
supply application, the voltage threshold is typically +1.25 V.
The amplifier is also enabled when the PD pin is left floating (not
connected). However, the amplifier is powered down when the
voltage on the PD pin is lower than 2.5 V from +VS. If the PD
pin is not used, it is best to connect it to the positive supply.
Table 7. Power-Down Voltage Control
PD Pin
5 V
±2.5 V
3 V
Not Active
>3.75 V
>1.25 V
>1.75 V
Active
<2 V
<0 V
<1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com