Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4855-3YCPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4855-3YCPZ-R7
Description  Single Supply, High Speed, Rail-to-Rail Output, Triple Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4855-3YCPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4855-3YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
ADA4855-3
Data Sheet
Rev. A | Page 18 of 20
OUTLINE DIMENSIONS
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGC.
1
0.65
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
0.70
0.60
0.50
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.35
0.30
0.25
2.25
2.10 SQ
1.95
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 56.16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
4 mm × 4 mm Body, Very Very Thin Quad
(CP-16-23)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering Quantity
ADA4855-3YCPZ-R2
–40°C to +105°C
16-Lead LFCSP_WQ
CP-16-23
250
ADA4855-3YCPZ-R7
–40°C to +105°C
16-Lead LFCSP_WQ
CP-16-23
1,500
ADA4855-3YCPZ-RL
–40°C to +105°C
16-Lead LFCSP_WQ
CP-16-23
5,000
ADA4855-3YCP-EBZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com