Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5040BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5040BCPZ
Description  High power handling
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5040BCPZ Datasheet(HTML) 4 Page - Analog Devices

  ADRF5040BCPZ Datasheet HTML 1Page - Analog Devices ADRF5040BCPZ Datasheet HTML 2Page - Analog Devices ADRF5040BCPZ Datasheet HTML 3Page - Analog Devices ADRF5040BCPZ Datasheet HTML 4Page - Analog Devices ADRF5040BCPZ Datasheet HTML 5Page - Analog Devices ADRF5040BCPZ Datasheet HTML 6Page - Analog Devices ADRF5040BCPZ Datasheet HTML 7Page - Analog Devices ADRF5040BCPZ Datasheet HTML 8Page - Analog Devices ADRF5040BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ADRF5040
Data Sheet
Rev. A | Page 4 of 14
DIGITAL CONTROL VOLTAGE SPECIFICATIONS
VDD = 3.3 V ± 10%, VSS = −3.3 V ± 10%, TCASE = −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition/Comments
INPUT CONTROL VOLTAGE (V1, V2)
<1 µA typical
Low
VIL
0
0.8
V
High
VIH
1.4
VDD + 0.3
V
BIAS AND SUPPLY CURRENT SPECIFICATIONS
TCASE = −40°C to +85°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
SUPPLY CURRENT
VDD = 3.3 V
IDD
20
100
µA
VSS = −3.3 V
ISS
20
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com