Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC369LP3 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC369LP3
Description  Test Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC369LP3 Datasheet(HTML) 5 Page - Analog Devices

  HMC369LP3 Datasheet HTML 1Page - Analog Devices HMC369LP3 Datasheet HTML 2Page - Analog Devices HMC369LP3 Datasheet HTML 3Page - Analog Devices HMC369LP3 Datasheet HTML 4Page - Analog Devices HMC369LP3 Datasheet HTML 5Page - Analog Devices HMC369LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
4
4 - 44
Pin Description
Pin Number
Function
Description
Interface Schematic
1, 2, 5 - 8,
11 - 13, 15, 16
N/C
The pins are not connected internally; however, all
data shown herein was measured with these pins
connected to RF/DC ground externally.
3RFIN
RF input needs to be DC blocked only if there is an
external DC voltage applied to RFIN.
4, 9
GND
All ground leads and ground paddle must be soldered
to PCB RF/DC ground.
10
RFOUT
Multiplied Output. AC coupled.
No external DC blocks necessary.
14
Vcc
Supply voltage 5V ± 0.5V.
SMT GaAs HBT MMIC x2 ACTIVE
FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
v04.0210
HMC369LP3 / 369LP3E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com