Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC695LP4E Datasheet(PDF) 1 Page - Analog Devices

Part # HMC695LP4E
Description  SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC695LP4E Datasheet(HTML) 1 Page - Analog Devices

  HMC695LP4E Datasheet HTML 1Page - Analog Devices HMC695LP4E Datasheet HTML 2Page - Analog Devices HMC695LP4E Datasheet HTML 3Page - Analog Devices HMC695LP4E Datasheet HTML 4Page - Analog Devices HMC695LP4E Datasheet HTML 5Page - Analog Devices HMC695LP4E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC695LP4 / HMC695LP4E
v02.0212
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER
11.4 - 13.2 GHz OUTPUT
General Description
Features
Functional Diagram
Output power: +7 dBm
Sub-Harmonic Suppression: >25 dBc
SSB phase noise: -140 dBc/Hz
Single Supply: +5v @ 60 mA
24 lead 4x4 mm SMt package: 16 mm2
Electrical Specifications, T
A = +25° C, Vcc= 5V
Typical Applications
the HMc695lp4(e) is ideal for:
• Fiber Optic Applications
• Point-to-Point Radios
• Military Radar
the HMc695lp4(e) are active miniature x4 frequ-
ency multipliers utilizing inGap GaAs HBt technology
in 4x4 mm leadless surface mount packages. power
output is +7 dBm typical from a +5v supply voltage
and varies little vs. input power, temperature and sup-
ply voltage. Suppression of undesired fundamental
and sub-harmonics is >25 dBc typical with respect
to output signal level. the low additive SSB phase
noise of -140 dBc/Hz at 100 kHz offset helps the
user maintain good system noise performance. the
HMc695lp4(e) are ideal for use in lO multiplier
chains allowing reduced parts count vs. traditional
approaches.
parameter
Min.
typ.
Max.
units
Frequency range, input
2.85 - 3.3
GHz
Frequency range, Output
11.4 - 13.2
GHz
input power range
-15
5
dBm
Output power
2
7
dBm
Sub-Harmonic Suppression
25
dBc
input return loss
15
dB
Output return loss
8
dB
SSB phase noise (100 kHz Offset)
pin= 0 dBm
-140
dBc/Hz
Supply current (icc)
60
75
mA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC695LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC695LP4E HITTITE-HMC695LP4E Datasheet
533Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 11.4 - 13.2 GHz OUTPUT
HMC695LP4E HITTITE-HMC695LP4E Datasheet
256Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 11.4 - 13.2 GHz OUTPUT
More results

Similar Description - HMC695LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC370LP4 HITTITE-HMC370LP4 Datasheet
252Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
HMC443LP4 HITTITE-HMC443LP4 Datasheet
251Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
HMC370LP4 HITTITE-HMC370LP4_07 Datasheet
627Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
HMC443LP4 HITTITE-HMC443LP4_07 Datasheet
631Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
HMC695LP4 HITTITE-HMC695LP4 Datasheet
256Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 11.4 - 13.2 GHz OUTPUT
HMC370LP4 HITTITE-HMC370LP4_10 Datasheet
250Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
HMC443LP4 HITTITE-HMC443LP4_10 Datasheet
251Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 9.8 - 11.2 GHz OUTPUT
HMC695LP4 HITTITE-HMC695LP4_10 Datasheet
533Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 11.4 - 13.2 GHz OUTPUT
logo
Analog Devices
HMC443LP4 AD-HMC443LP4 Datasheet
368Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE
HMC370LP4 AD-HMC370LP4 Datasheet
364Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com