Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC704LP4E Datasheet(PDF) 13 Page - Analog Devices

Part # HMC704LP4E
Description  8 GHZ FRACTIONAL-N PLL
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC704LP4E Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC704LP4E Datasheet HTML 9Page - Analog Devices HMC704LP4E Datasheet HTML 10Page - Analog Devices HMC704LP4E Datasheet HTML 11Page - Analog Devices HMC704LP4E Datasheet HTML 12Page - Analog Devices HMC704LP4E Datasheet HTML 13Page - Analog Devices HMC704LP4E Datasheet HTML 14Page - Analog Devices HMC704LP4E Datasheet HTML 15Page - Analog Devices HMC704LP4E Datasheet HTML 16Page - Analog Devices HMC704LP4E Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
5 - 13
HMC704LP4E
v04.0215
8 GHZ FRACTIONAL-N PLL
For price, delivery and to place orders: Analog Devices, Inc., One Technology Way, Norwood, MA 02062
978-250-3343 tel • 978-250-3373 fax • Order online at www.analog.com/hittitemw
Application support: Phone: 978-250-3343 or RFMG-apps@analog.com
Theory of Operation
The PLL consists of the following functional blocks:
1.
Reference Path Input Buffer and ’R’ Divider
2. VCO Path Input Buffer, RF Divide-by-2 and Multi-Modulus ’N’ Divider
3. Δ
Σ Fractional Modulator
4. Phase Detector
5. Charge Pump
6. Main serial Port
7.
Lock Detect and Register Control
8. Auxiliary Output serial Port
9. Power On Reset Circuit
External VCO
The PLL charge pump can operate with the charge pump supply as high as 5.2V. The charge pump output at the varac-
tor tuning port, normally can maintain low noise performance to within 500 mV of ground or 800 mV of the upper supply
voltage.
High Performance Low Spurious Operation
The HMC704LP4E has been designed for the best phase noise and low spurious content possible in an integrated PLL.
spurious signals in a PLL can occur in any mode of operation and can come from a number of sources.
Figure of Merit Noise Floor and Flicker Noise Models
The phase noise of an ideal phase locked oscillator is dependent upon a number of factors:
a. Frequency of the VCO, and the Phase detector
b. VCO sensitivity, kvco, VCO and Reference Oscillator phase noise profiles
c. Charge Pump current, Loop Filter and Loop Bandwidth
d. Mode of Operation: Integer, Fractional modulator style
The contributions of the PLL to the output phase noise can be characterized in terms of a Figure of Merit (FOM) for both
the PLL noise floor and the PLL flicker (1/f) noise regions, as follows:
Figure 23. Synthesizer with External VCO
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com