Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2F Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2F
Description  Incorporating a snapping mechanism made with two highly precise split springs that ensures long durability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2F Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2F Datasheet HTML 1Page - Omron Electronics LLC D2F Datasheet HTML 2Page - Omron Electronics LLC D2F Datasheet HTML 3Page - Omron Electronics LLC D2F Datasheet HTML 4Page - Omron Electronics LLC D2F Datasheet HTML 5Page - Omron Electronics LLC D2F Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
D2F
Ultra Subminiature Basic Switch
D
2
F
Note. The data given above are initial values.
*1.
The values are at Free Position and Total Travel Position values for pin plunger, and Total Travel Position value for lever.
Close or open circuit of the contact is 1ms max.
*2.
For testing conditions, consult your OMRON sales representative.
Terminals/Appearances (Unit: mm)
Mounting Holes (Unit: mm)
Dielectric
strength
Between terminals of the same
polarity
600 VAC 50/60 Hz for 1min
Between current-carrying metal
parts and ground
1,500 VAC 50/60 Hz for 1min
Between each terminal and
non-current-carrying metal parts
1,500 VAC 50/60 Hz for 1min
Vibration
resistance * 1
Malfunction
10 to 55 Hz, 1.5-mm double amplitude
Shock
resistance
Durability
1,000 m/s2 {approx. 100G} max.
Malfunction * 1
300 m/s2 {approx. 30G} max.
Durability * 2
Mechanical
1,000,000 operations min. (60 operations/min)
Electrical
100,000 operations min.
(30 operations/min)
30,000 operations min.
(30 operations/min)
Degree of protection
IEC IP40
Ambient operating temperature
-25°C to +85°C (at ambient humidity 60% max.)
(with no icing or condensation)
Ambient operating humidity
85% max. (for +5°C to +35°C)
Weight
Approx. 0.5 g (pin plunger models)
Item
Model
D2F-01 models
D2F-F models
D2F models
●PCB terminals (Straight)
●Self-clinching PCB terminals
<PCB Mounting Dimensions (Reference)>
●PCB terminals (Right-angled)
●PCB terminals (Left-angled)
●Solder terminals
●Compact solder terminals
5.8±0.15
0.4
1.5
3.5
0.9
5.08
5.08
12.8±0.15
6.5±0.1
3.15
5.8±0.15
1.6±0.15
1.5
0.4±0.05
1.25±0.15
1.5
3.4
0.9
5.08
5.08
6.5±0.1
3.15
12.8±0.15
5.8±0.15
3-1.2 dia. holes
5.08±0.1
12.8±0.15
5.8±0.15
2.6±0.2
0.4
3.1±0.2
1.5
0.9
5.08
5.08
6.5±0.1
3.15
12.8±0.15
5.8±0.15
2.6±0.2
0.4
3.1±0.2
1.5
0.9
5.08
5.08
6.5±0.1
3.15
12.8±0.15
5.8±0.15
0.4
1.5
3.5
2.2
1.2
5.08
5.08
6.5±0.1
3.15
2
0.5
12.8±0.15
5.8±0.15
0.4
1.5
2.4
1.6
5.08
5.08
3
−0.8 dia. holes
12.8±0.15
6.5±0.1
3.15
2-2 dia. mounting holes
6.5±0.15



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com