Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSV040CTP Datasheet(PDF) 1 Page - Visual Communications Company

Part # LSV040CTP
Description  DESIGN: Lens mounts the Litepipe securely to display panel providing 180
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

LSV040CTP Datasheet(HTML) 1 Page - Visual Communications Company

  LSV040CTP Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INITIALS
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
KH
JS
4/23/10
4/4/96
REVISED PER ECR111009AZ01
INITIAL RELEASE
PROHIBITED.
DRAWN
CHECKED
TITLE:
B
DPZ
DWG. NO.
REV
SCALE: 8:1
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
PROPRIETARY AND CONFIDENTIAL
THIRD ANGLE PROJECTION
VISUAL COMMUNICATIONS COMPANY, INC.
VISUAL COMMUNICATIONS COMPANY, INC IS
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
DATE
DESCRIPTION
ECN #
DATE
FINISH
REV
REVISIONS
3MM ROUND LITEPIPE
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
WITHOUT THE WRITTEN PERMISSION OF
REPRODUCTION IN PART OR AS A WHOLE
VISUAL COMMUNICATIONS COMPANY, INC. ANY
DRAWING IS THE SOLE PROPERTY OF
THE INFORMATION CONTAINED IN THIS
001
N/A
001
LSV XXX CTP
4/23/10
K.Howard
2. MOUNTING: Panel mounting hole .171 (4.3mm)on 1/4" centers
3. PANEL THICKNESS: For SMB 200 & SMQ 250: 1/32" to 1/8"
APPROVAL
U.L. 94-HB
SEE NOTES
ACRYLIC (OPTICAL GRADE)
EDGES .030 MAX
BREAK ALL CORNERS AND SHARP
8. U.S. & Foreign Pat. Issued & Pend.
7. Custom lengths available upon request (Minimum order quantity may apply)
viewing angle
6. Length is from front of panel to LED
.050" clearance between the Litepipe and LED.
5. Standoff used to adjust the height of a standard LED above the PCB and maintain a maximum
1. DESIGN: Lens mounts the Litepipe securely to display panel providing 180
LENS LOCK: Insert Litepipe into lens aligning the tabs with the lens slot
4.
NOTES:
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES:
ANGLES
DECIMALS
1'
. X
.020
.XX
.010
FINISH
.XXX
.005
5/4/10
1.000
120
1.200
LSV
CUSTOM LENGTHS
XXX
ORDERING CODE:
CTP
(ORDER SEPERATELY)
LENSES
(SEE NOTE 7)
REQUEST
AVAILABLE UPON
LENGTH CODE
020
=.200"
040
.400
060
.600
080
.800
100
COLOR
CTP
CLEAR
LENS LOCKING TAB 4
SECTION A-A
(3.175mm)
.125
XXX
.155
(3.937mm)
(.508mm)
.020
.155
(3.937mm)
AA
SMQ 250
SMB 200


Similar Part No. - LSV040CTP

ManufacturerPart #DatasheetDescription
logo
Coto Technology
LSV COTO-LSV Datasheet
118Kb / 2P
Liquid Level Sensor
logo
OSRAM GmbH
LSV196 OSRAM-LSV196 Datasheet
410Kb / 14P
Lead (Pb) Free Product - RoHS Compliant
logo
Honeywell Solid State E...
LSV1A HONEYWELL-LSV1A Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSV1E HONEYWELL-LSV1E Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
logo
OSRAM GmbH
LSV296-N2Q1-1 OSRAM-LSV296-N2Q1-1 Datasheet
557Kb / 14P
Hyper-Bright LED
More results

Similar Description - LSV040CTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN321 ETC-AN321 Datasheet
15Kb / 2P
AND / NOR circuit providing the logical function
AO22 ETC-AO22 Datasheet
10Kb / 1P
circuit providing the logical function
logo
Kingbright Corporation
L-1034GD KINGBRIGHT-L-1034GD Datasheet
234Kb / 4P
MOUNTS FLUSH WITH PANEL
logo
Visual Communications C...
LMS VCC-LMS Datasheet
76Kb / 1P
5MM MOISTURE SEALED LITEPIPE
logo
List of Unclassifed Man...
RTN100 ETC2-RTN100 Datasheet
78Kb / 1P
MICRO-LITEPIPE
logo
ATMEL Corporation
AT88SC018 ATMEL-AT88SC018_14 Datasheet
163Kb / 11P
Securely implements host algorithms
logo
STMicroelectronics
AN1828 STMICROELECTRONICS-AN1828 Datasheet
225Kb / 17P
The document explains how to design
Rev. 1.0
logo
TE Connectivity Ltd
408-8579 TEC-408-8579 Datasheet
421Kb / 5P
Securely tighten both screws with the appropriate screwdriver.
logo
PHOENIX CONTACT
CUTFOX-SE PHOENIX-CUTFOX-SE Datasheet
42Kb / 2P
Diagonal cutter, angled design, size: 180 mm
0802764 PHOENIX-0802764 Datasheet
53Kb / 2P
Thanks to their special shape, EMT insert labels remain securely inside the collar once inserted
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com