Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3S-1102P Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3S-1102P
Description  Sealed construction conforming to IP67 (IEC-60529) provides high contact reliability in locations exposed to dust or water
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3S-1102P Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3S-1102P Datasheet HTML 1Page - Omron Electronics LLC B3S-1102P Datasheet HTML 2Page - Omron Electronics LLC B3S-1102P Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
B3S
B3S
■ Model Structure
■ Dimensions (Unit: mm)
Note:
The numbers used for terminals in the following graphics are indicated in the “Bottom View” diagram below. In this
diagram, the Switch is rotated so that the terminals are on the right and left-hand sides, and the OMRON logo appears
the right way up.
Note:
Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions. No terminal numbers are indicated on the Switches.
■ Precautions
Be sure to read the safety precautions common to all Tactile Switches for correct use.
Cover
Plunger
Contact dome
Fixed contact
Base
Spacer
Sealing rubber
(Bottom View)
2
4
1
3
Without Ground Terminal
B3S-1000
B3S-1002
With Ground Terminal
B3S-1100
B3S-1102
PCB Pad
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
PCB Pad
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
9
4.5
3.3
dia.
0.7
6
6.4
9.5
6.6
1.3
4.5
4
2
3
1
4.3
0.1
3.4
0.7
0.7
1.5
9
4.5
3.3
dia.
0.7
6
6.4
9.5
6.6
1.3
1.3
3.25
4.95
4.5
4
2
3
1
4.3
0.1
±0.2
3.4
0.7
0.7
0.7
5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com