Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPXM2202
Description  200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202 Datasheet(HTML) 1 Page - Motorola, Inc

  MPXM2202 Datasheet HTML 1Page - Motorola, Inc MPXM2202 Datasheet HTML 2Page - Motorola, Inc MPXM2202 Datasheet HTML 3Page - Motorola, Inc MPXM2202 Datasheet HTML 4Page - Motorola, Inc MPXM2202 Datasheet HTML 5Page - Motorola, Inc MPXM2202 Datasheet HTML 6Page - Motorola, Inc MPXM2202 Datasheet HTML 7Page - Motorola, Inc MPXM2202 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
200 kPa
On-Chip Temperature
Compensated & Calibrated
Silicon Pressure Sensors
The MPXM2202 device is a silicon piezoresistive pressure sensors providing a highly
accurate and linear voltage output — directly proportional to the applied pressure. The
sensor is a single, monolithic silicon diaphragm with the strain gauge and a thin–film
resistor network integrated on–chip. The chip is laser trimmed for precise span and offset
calibration and temperature compensation.
Features
• Temperature Compensated Over 0°C to +85°C
• Available in Easy-to-Use Tape & Reel
• Ratiometric to Supply Voltage
• Gauge Ported & Non Ported Options
Application Examples
• Pump/Motor Controllers
• Robotics
• Level Indicators
• Medical Diagnostics
• Pressure Switching
• Barometers
• Altimeters
Figure 1 shows a block diagram of the internal circuitry on the stand–alone pressure
sensor chip.
Figure 1. Temperature Compensated Pressure Sensor Schematic
VS
3
X-ducer
SENSING
ELEMENT
THIN FILM
TEMPERATURE
COMPENSATION
AND
CALIBRATION
CIRCUITRY
2
4
Vout+
Vout-
1
GND
VOLTAGE OUTPUT versus APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is directly proportional to the differential
pressure applied.
The output voltage of the differential or gauge sensor increases with increasing
pressure applied to the pressure side (P1) relative to the vacuum side (P2). Similarly,
output voltage increases as increasing vacuum is applied to the vacuum side (P2)
relative to the pressure side (P1).
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MPXM2202/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 2001
MPXM2202
SERIES
0 to 200 kPa (0 to 29 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
Motorola Preferred Device
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
–Vout
CASE 1320
CASE 1320A
SCALE 1:1
SCALE 1:1
MPAK PACKAGE
REV 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPXM2202

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXM2202 FREESCALE-MPXM2202 Datasheet
265Kb / 9P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPXM2202A MOTOROLA-MPXM2202A Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPXM2202A FREESCALE-MPXM2202A Datasheet
265Kb / 9P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2202A FREESCALE-MPXM2202A Datasheet
356Kb / 18P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPXM2202A FREESCALE-MPXM2202A Datasheet
342Kb / 19P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
More results

Similar Description - MPXM2202

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2010 MOTOROLA-MPX2010 Datasheet
314Kb / 12P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPX2202 MOTOROLA-MPX2202 Datasheet
319Kb / 12P
200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
logo
Freescale Semiconductor...
MPMZ2202 FREESCALE-MPMZ2202 Datasheet
108Kb / 7P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPVZ2202 FREESCALE-MPVZ2202 Datasheet
98Kb / 7P
200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
MPX2053 FREESCALE-MPX2053 Datasheet
352Kb / 13P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2010 FREESCALE-MPXM2010 Datasheet
259Kb / 9P
10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2102 FREESCALE-MPXM2102 Datasheet
262Kb / 9P
100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2202 FREESCALE-MPXM2202 Datasheet
265Kb / 9P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com